Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCLE201E3...SB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCLE201E3...SB
Description  NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE201E3...SB Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCLE201E3...SB Datasheet HTML 1Page - Vishay Siliconix NTCLE201E3...SB Datasheet HTML 2Page - Vishay Siliconix NTCLE201E3...SB Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTCLE201E3...SB, NTCLE300E3...SB
www.vishay.com
Vishay BCcomponents
Revision: 18-Sep-2020
1
Document Number: 29051
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Accuracy of 0.5 °C between 0 °C and 50 °C
• Small 2.4 mm diameter
• High stability over a long life
• Long and flexible leads for special mounting or
assembly requirements
• AEC-Q200 qualified
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Temperature measurement, sensing and control in
automotive,
industrial
and
consumer
electronic
equipment
DESCRIPTION
These negative temperature coefficient thermistors consist
of a mini-chip soldered between two AWG#30 ETFE
insulated (LE300) or non-insulated (LE201) 0.3 mm nickel
leads and coated with a solid ocher color epoxy lacquer
PACKAGING
The thermistors are packed in cardboard boxes; the
smallest packing quantity is 1000 units
MARKING
The coated body has no markings
MOUNTING
Important mounting and handling instructions: see
www.vishay.com/doc?29222
By soldering in any position.
DESIGN-IN SUPPORT
For complete curve computation, please visit:
www.vishay.com/thermistors/ntc-curve-list/
Notes
Preferred versions for new designs
(1) RoHS exemption 7(c)-I: electrical and electronic components containing lead in a glass or ceramic other than dielectric ceramic in
capacitors, e.g. piezo-electronic devices, or in a glass or ceramic matrix compound
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
3K to 10K
Tolerance on R25-value
± 2.18
%
B25/85-value
3977
K
Tolerance on B25/85-value
± 0.75
%
Operating temperature
range at zero dissipation
-40 to +125
°C
Accuracy for T measured
between 0 °C and 50 °C
± 0.5
°C
Maximum power
dissipation at 55 °C
100
mW
Min. dielectric withstanding
voltage between terminals
and coated body
500
VAC
Weight
 0.2
g
333
DDD3 D
3D Models
Design Tools
Related
Documents
Available
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(
)
R25-TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
SAP MATERIAL AND ORDERING NUMBER
RoHS-COMPLIANT WITH EXEMPTION (1)
RoHS-COMPLIANT
3000
2.18
3977
0.75
NTCLE201E3302SB
NTCLE201E3302SBA
5000
2.18
3977
0.75
NTCLE201E3502SB
NTCLE201E3502SBA
10 000
2.18
3977
0.75
NTCLE201E3103SB
NTCLE201E3103SBA
3000
2.18
3977
0.75
NTCLE300E3302SB
NTCLE300E3302SBA
5000
2.18
3977
0.75
NTCLE300E3502SB
NTCLE300E3502SBA
10 000
2.18
3977
0.75
NTCLE300E3103SB
NTCLE300E3103SBA
DIMENSIONS in millimeters
Component outline for NTCLE201E3...
Component outline for NTCLE300E3...
TB
L
L1
L2
Ø d1
Ø d2
Ø d3
2.4 max.
2.4 max.
38 ± 2
8.0 max.
6 ± 1
0.30 ± 0.03
0.58 max.
0.25 ± 0.025
T
B
L
1
L
d
1
T
B
L
1
L
d
2
d
3
L
2


Similar Part No. - NTCLE201E3...SB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE201E3 VISHAY-NTCLE201E3 Datasheet
83Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
18-Sep-2020
NTCLE201E3103SB VISHAY-NTCLE201E3103SB Datasheet
75Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
23-Dec-16
NTCLE201E3103SB VISHAY-NTCLE201E3103SB Datasheet
83Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
18-Sep-2020
NTCLE201E3103SBA VISHAY-NTCLE201E3103SBA Datasheet
83Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
18-Sep-2020
NTCLE201E3302SB VISHAY-NTCLE201E3302SB Datasheet
75Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
23-Dec-16
More results

Similar Description - NTCLE201E3...SB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE305E4 VISHAY-NTCLE305E4 Datasheet
93Kb / 5P
NTC Thermistors, Micro Chip Sensor Insulated Leads
14-Jun-10
NTCLE305E4 VISHAY-NTCLE305E4_11 Datasheet
91Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
16-May-11
NTCLE413E3502H102L VISHAY-NTCLE413E3502H102L Datasheet
134Kb / 10P
NTC Thermistors, Mini Epoxy PVC Insulated Leads
12-Oct-12
NTCLE305E4-SB VISHAY-NTCLE305E4-SB Datasheet
94Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
16-May-11
NTCLE305E4SB VISHAY-NTCLE305E4SB Datasheet
94Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
16-May-11
NTCLE201E3SB VISHAY-NTCLE201E3SB Datasheet
75Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
23-Dec-16
NTCLE413 VISHAY-NTCLE413_17 Datasheet
144Kb / 10P
NTC Thermistors, Mini Epoxy PVC Insulated Leads
11-Jul-17
NTCLE201E3 VISHAY-NTCLE201E3_V01 Datasheet
83Kb / 3P
NTC Thermistors, 2-Point Mini Chip Sensor, Flexible Leads
18-Sep-2020
NTCLE305E4 VISHAY-NTCLE305E4_V01 Datasheet
97Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leads
24-Jan-2022
NTCLE305E4...SB VISHAY-NTCLE305E4...SB Datasheet
95Kb / 5P
NTC Thermistors, 2-Point Micro Chip Sensor Insulated Leadss
24-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com