Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCS....E3...SMT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NTCS....E3...SMT
Description  SMD NTC Thermistors With Enhanced Stabilitys
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCS....E3...SMT Datasheet(HTML) 1 Page - Vishay Siliconix

  NTCS....E3...SMT Datasheet HTML 1Page - Vishay Siliconix NTCS....E3...SMT Datasheet HTML 2Page - Vishay Siliconix NTCS....E3...SMT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTCS....E3...SMT
www.vishay.com
Vishay BCcomponents
Revision: 30-Jun-2021
1
Document Number: 29151
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SMD NTC Thermistors With Enhanced Stability
FEATURES
• Monolithic SMD with nickel barrier and pure tin
• Wide temperature range from -40 °C to +125 °C
• Enhanced
stability
throughout
the
lifetime
(maximum variation of initial
R25 °C of ± 0.5 %
after 10 000 hours at any temperature)
• Ideal for wave and reflow soldering
• Delivered on punched paper tape on reel
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• All applications that require the utmost stability in time
(medical application, heat counting, billing meters)
CAUTIONS AND WARNINGS ON MOUNTING
AND HANDLING
Please read the special instructions:
see www.vishay.com/doc?29224.
PACKAGING
Available in 8 mm punched paper tape on reel package of
4000 units (case 0603 and case 0805) and 10 000 (case
0402).
DESIGN-IN SUPPORT
For complete curve computation, please visit:
www.vishay.com/thermistors/ntc-rt-calculator/
Note
• Non-dimensioned details do not affect the performance of the thermistors
QUICK REFERENCE DATA
PARAMETER
VALUE
UNIT
Resistance value at 25 °C
100K to 210K
Ω
Tolerance on
R25-value
1
%
B25/85-value
3590
K
Tolerance on B25/85-value
± 1
%
Maximum power
dissipation (by case)
70 (0402),
120 (0603),
210 (0805)
mW
Response time (63.2 %)
25 °C to 85 °C still air
(for info by case)
4 (0402),
6 (0603),
10 (0805)
s
Dissipation factor
δ
in still air (for each case)
2 (0402),
3 (0603),
3.5 (0805)
mW/K
Operating temperature
range
-40 to +125
°C
Weight
1.2 (0402),
6 (0603),
8 (0805)
mg
ELECTRICAL DATA AND ORDERING INFORMATION
R25
(Ω)
R25-TOL.
(± %)
B25/85
(K)
B25/85-TOL.
(± %)
SAP MATERIAL AND
ORDERING NUMBER
100 000
1
3590
1
NTCS0805E3104SMT
122 000
1
3590
1
NTCS0603E3124SMT
210 000
1
3590
1
NTCS0402E3214SMT
DIMENSIONS in millimeters
PARAMETER
VALUE
Case
0402
0603
0805
L
1 ± 0.15
1.6 ± 0.15
2 ± 0.2
W
0.5 ± 0.15
0.8 ± 0.15
1.25 ± 0.15
T
0.5 ± 0.15
0.8 ± 0.15
0.8 ± 0.15
L1, L3 min.
0.1
0.2
0.2
L2 min.
0.3
0.4
0.55
L
WT
L
2
L
3
L
1


Similar Part No. - NTCS....E3...SMT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS-E3-SMT VISHAY-NTCS-E3-SMT Datasheet
105Kb / 4P
SMD NTC Thermistors with Enhanced Stability
28-Aug-13
NTCS0402E3 VISHAY-NTCS0402E3 Datasheet
125Kb / 6P
SMD 0402, Glass Protected NTC Thermistors
04-Feb-13
NTCS0402E3 VISHAY-NTCS0402E3 Datasheet
98Kb / 3P
SMD 0402, Glass Protected NTC Thermistors
29-Jun-2021
NTCS0402E3-T VISHAY-NTCS0402E3-T Datasheet
129Kb / 6P
SMD 0402, Glass Protected NTC Thermistors
04-Feb-13
NTCS0402E3.....T VISHAY-NTCS0402E3.....T Datasheet
99Kb / 3P
SMD 0402, Glass Protected NTC Thermistors
26-Nov-2025
More results

Similar Description - NTCS....E3...SMT

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12 AVX-NC12 Datasheet
200Kb / 5P
NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
NTC SMD Thermistors
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
NTC SMD Thermistors
logo
TDK Electronics
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
SMD NTC thermistors
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
SMD NTC thermistors,
logo
Vishay Siliconix
NTCS0402E3214SMT VISHAY-NTCS0402E3214SMT Datasheet
105Kb / 4P
SMD NTC Thermistors with Enhanced Stability
28-Aug-13
NTCS-E3-SMT VISHAY-NTCS-E3-SMT Datasheet
105Kb / 4P
SMD NTC Thermistors with Enhanced Stability
28-Aug-13
logo
AVX Corporation
NC20K00103KBA AVX-NC20K00103KBA_17 Datasheet
379Kb / 10P
NTC SMD Thermistors
logo
Vishay Siliconix
NTCSE3SMT VISHAY-NTCSE3SMT Datasheet
83Kb / 3P
SMD NTC Thermistors With Enhanced Stability
30-Jun-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com