Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTCS....E3...SMT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCS....E3...SMT
Description  SMD NTC Thermistors With Enhanced Stabilitys
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCS....E3...SMT Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCS....E3...SMT Datasheet HTML 1Page - Vishay Siliconix NTCS....E3...SMT Datasheet HTML 2Page - Vishay Siliconix NTCS....E3...SMT Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NTCS....E3...SMT
www.vishay.com
Vishay BCcomponents
Revision: 30-Jun-2021
2
Document Number: 29151
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RELIABILITY INFORMATION
After a test of storage at any temperature within the temperature range, the drift of electrical resistance at 25 °C is always lower
than ± 0.5 %, which represents a temperature drift less than ± 0.1 °C (see here under typical figures for drift after storage during
10 000 h at maximal temperature 125 °C). The same type of stability is also observed in thermal shocks between the two
extreme values of the temperature range. The tests are performed according to IEC 60068-2-2 and 2-14.
Fig. 1 -
R25 °C Drift after Storage at 125 °C for 0603 Case
Fig. 2 - Drift in Storage at 125 °C for 0402 Case
Fig. 3 -
R25 °C Drift in Thermal Shocks -40 °C, 15 min/125 °C, 15 min
10
100
1000
10000
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
2000
4000
6000
8000
10 000
Axis Title
Time (h)
Positive threshold
Negative threshold
▬▬▬
Maximum measured drift
▬▬▬
Average measured drift
▬▬▬
Minimum measured drift
10
100
1000
10000
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
2000
4000
6000
8000
10 000
Axis Title
Time (h)
Positive threshold
Negative threshold
▬▬▬
Maximum measured drift
▬▬▬
Average measured drift
▬▬▬
Minimum measured drift
10
100
1000
10000
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0
250
500
750 1000 1250 1500 1750 2000
Axis Title
Number of Cycles
Positive threshold
Negative threshold
▬▬▬
Maximum drift
R
25
▬▬▬
Average drift
R
25
▬▬▬
Minimum drift
R
25



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com