Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  12th Gen. Intel® Core™ Processors S-series (LGA1700) on 4" EPIC SBC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
Block Diagram
MIO-4370
Ordering Information
Part No.
CPU
Core
Max
Freq.
Base
Freq.
TDP
vPro
PCH
ECC
M.2 Extension1
Thermal
Solution
Operating
Temperature
(TBD)
i9-12900TE
16 (8+8)
4.8 GHz 1.1 GHz 35W
Yes
R680E
Yes
2x M-Key + E-Key
Active Cooler
0 ~ 60 °C
(TBD)
i7-12700TE
12 (8+4)
4.7 GHz 1.4 GHz 35W
Yes
R680E
Yes
2x M-Key + E-Key
Active Cooler
0 ~ 60 °C
(TBD)
i5-12500TE
6 (6+0)
4.3 GHz 1.9 GHz 35W
Yes
R680E
Yes
2x M-Key + E-Key
Active Cooler
0 ~ 60 °C
(TBD)
i3-12100TE
4 (4+0)
4.0 GHz 2.1 GHz 35W
No
R680E
Yes
2x M-Key + E-Key
Active Cooler
0 ~ 60 °C
Note 1 : 1x M-Key is BOM optional to B-key to support 4G/LTE module by request.
Packing List
Part No.
Description
Quantity
MIO-4370 SBC
1
(TBD)
Startup Manual
1
1700019584-01
Audio Cable
1
1700030404-01
COM Port Cable
2
1700030406-01
USB 2.0 Cable
1
Rear I/O View
Optional Accessories
Part No.
Description
1970004564T010
CPU Cooler, for TDP 35W, 75(W)x75L)x25(H)mm
Embedded OS/API
OS
Part No.
Description
Windows 10 LTSC
TBD
64-bit (UEFI mode only)
Ubuntu 20.04 LTS
TBD
Ubuntu Desktop 20.04 LTS 64-bit
Software API
Website Download
SUSI v4.0
Yocto BSP
Support by Request
Yocto BSP and Test Image
DDI
12th Gen. Intel® Core™
Processors
(LGA1700)
(Alder Lake-S)
Intel® R680E Chipset
Embedded
Controller
EIO-201
DDR5-4800 SODIMM
Single-CH, Up to 32GB
eDP
PCIex1
2.5GbE
Intel I225
PCIex1
2.5GbE
Intel I225
HDA
Line-in /Out / MIC
2 x USB 2.0
ALC888s
TPM2.0
BIOS
DDI
PCIex4 Gen.4
PCIex4 Gen.4
HDMI
DDI
HDMI
M.2 M-key
2280 NVMe SSD
PCIex1 + USB 2.0
M.2 E-key
2230 WiFi+BT
Front Panel
Smart Fan
GPIO 8-bit
I2C (Opt: SMBus)
COM1: RS-232/422/485
M.2 M-key
2280 NVMe SSD
Option to:
M.2 B-Key
3042 LTE w/ Nano SIM
ATX/AT
12V only
USB3.2 x 4/USB2.0 x 4
USB2.0 x 2
4 x USB 3.2 Gen1x1
eSPI
SPI
COM2: RS-232/422/485
CANBus
USB 2.0
PCIex1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com