Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  12th Gen. Intel® Core™ Processors S-series (LGA1700) on 4" EPIC SBC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MI/O Extension SBCs, Modules and Chassis
Features
MIO-4370
12th Gen. Intel® Core™ Processors
S-series (LGA1700) on 4" EPIC SBC
ƒ
12th Gen. Intel® Core™ Processor up to 16 Cores, TDP 35W
ƒ
High scalability with socket type CPU (LGA1700) & Support Std. CPU cooler
ƒ
DDR5 4800 up to 32GB + 3 simultaneous display: Dual HDMI + eDP
ƒ
Dual High Speed 2.5G Ethernet with TSN, 2x COM, CANbus, TPM
ƒ
3 Expansions: Dual M.2 M-Key (support NVMe), M.2 E-Key
ƒ
Supports Windows 10 LTSC & Ubuntu 20.04 LTS, embedded software APIs,
WISE-DeviceOn
Specifications
Platform
Processor
i9-12900TE
i7-12700TE
i5-12500TE
i3-12100TE
Max. Frequency
4.8 GHz
4.7 GHz
4.3 GHz
4.0 GHz
Base Frequency
1.1 GHz
1.4 GHz
1.9 GHz
2.1 GHz
Core/Thread
16C (8+8) / 24T
12C (8+4) / 20T
6C (6+0) / 12T
4C (4+0) / 8T
LLC
30MB
25MB
18MB
12MB
CPU TDP
35W
35W
35W
35W
Chipset
R680E
BIOS
AMI UEFI 256Mbit
Memory
Technology
DDR5-4800
Max. Capacity
Up to 32GB
Channel/Socket
Single Channel / 1 Socket
Graphics
Controller
Intel® UHD Graphics 770
Intel® UHD Graphics 770
Intel® UHD Graphics 770
Intel® UHD Graphics 730
Max. Frequency
1.4 GHz
1.3 GHz
1.25 GHz
1.4 GHz
Execution Unit
32
32
32
24
3D/HW Acceleration
DX12, OGL4.5, OCL2.1, HW Encode: AVC/H264, JPEG, HEVC/H265, VP9
HW Decode: WMV9, AVC/H264, JPEG/MJPEG, HEVC/H265, VP9, AV1
Display I/F
LCD
1 x eDP 1.4b, up to 5120 x 3200 @60Hz, 24bpp
HDMI/DP
2 x HDMI 1.2, up to 1920x1200p @ 60Hz, 24bpp
Multiple Display
3 simultaneous displays via eDP + HDMI + HDMI
Ethernet
Controller
LAN1/LAN2: Intel I225
Speed
LAN1/LAN2: 2.5GbE
External I/O
Ethernet
2 x RJ-45
HDMI
2
USB
4 x USB 3.2 Gen 1x1 (5Gbps)
LED
Power status, SATA R/W
Internal I/O
USB
2 x USB 2.0
COM Port
2 x RS-232/422/485, max. 1Mbps
CANBus
1 x CAN2.0, max. 1Mbps
Serial Bus
1 x I2C (BOM Default, optional to 1 x SMBus*)
Audio
Realtek ALC888s, Line-in/Line-out/MIC
GPIO
8-bit general purpose input output I/O
Fan
12V, 2A (4-wire)
Front Panel Control
Power-on, Reset, Buzzer, SATA LED, CaseOpen
Board Feature
Watchdog Timer
65536 level, 0~65535 sec
TPM
Intel® Platform Trust Technology (fTPM as default. BOM optional to discrete TPM*)
iManager 3.0
SW API for Hardware Monitor, Smart Fan Control, Brightness Control, I2C, GPIO, WDT
Expansion
M.2 E-Key
1 x E-Key 2230 (PCIex1, USB2.0)
M.2 B-Key
0 (Option: Change 1 x M-Key to 1 x B-Key 3042 (PCIex1, USB2.0) w/ support bracket and Nano SIM)
M.2 M-Key
2 x M-Key 2280 (PCIe Gen.4 x4)
Power
Supply Voltage
Vin: DC 12V ± 10%; RTC Battery: Lithium 3V/210mAH
Connector
ATX 2x2 pin 180D (Option to ATX 2x2 pin 90D)
Power Management
AT, ATX
Max. Consumption
TBU
TBU
TBU
TBU
Idle Consumption
TBU
TBU
TBU
TBU
Environment
Temperature
Operating: Standard: 0 ~ 60° C (32 ~ 140° F)
Storage: -40 ~ 85 °C (-40 ~ 185 °F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Certification
EMC
CE, FCC Class B
Mechanical
Dimensions
165 x 114 mm (6.5" x 4.5")
Net Weight
320g (w/o CPU & Cooler)
*Note: Support by request
Preliminary
Software APIs:
Utilities:
GPIO
SMBus/I2C Watch Dog
Timer
Backlight
On/Off
Brightness
CAN bus
Hardware
Monitor
System
Thro�ling
Thermal
Protec�on
Smart Fan
Data
Security
System Info
All product specifications are subject to change without notice.
Last updated: 5-Sep-2022


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-278 ADVANTECH-AIMB-278 Datasheet
481Kb / 2P
Mini-ITX Motherboard 12th Gen Intel® Core™ Processor LGA1700
17-Aug-2022
AIMB-288E ADVANTECH-AIMB-288E Datasheet
3Mb / 6P
THIN AI Motherboard 12th Gen Intel® Core™ Processor LGA1700, NVIDIA® Quadro® Embedded T1000
17-Aug-2022
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534D ADVANTECH-ARK-3534D Datasheet
1Mb / 3P
Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
SOM-C350 ADVANTECH-SOM-C350 Datasheet
460Kb / 2P
Intel® 12th Gen Core Processors (Code Name: Alder Lake S) COM-HPC® Client Size C Module
29-Jul-2022
logo
AAEON Technology
EPIC-ADS7-PUC AAEON-EPIC-ADS7-PUC Datasheet
440Kb / 2P
EPIC System with 12th Generation Intel® Core™ Processor
Features
MAX-Q670A AAEON-MAX-Q670A Datasheet
734Kb / 2P
MAX with 12th/13th Generation Intel® Core™ LGA1700 Socket Processors, TDP Max. 125W
2023/05/10
MIX-Q670A1 AAEON-MIX-Q670A1 Datasheet
708Kb / 2P
MIX with 13th & 12th Gen Intel® Core™ Processors (formerly Raptor Lake-S/Alder Lake-S)
2023/03/07
BOXER-6451-ADP AAEON-BOXER-6451-ADP Datasheet
689Kb / 2P
Fanless Compact Embedded Computer with 12th Generation Intel® Core™ Processors
2023/04/07
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com