Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  11th Gen. Intel® Core™ i7/i5/i3/Celeron U-Series 3.5" SBC w/ MIOe
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
Block Diagram
MIO-5375
Ordering Information
Part Number
CPU
cTDP
Max. Frequency
Core
Gbe
USB
RS232/422/485
RS-232
MIOe
TPM2.0
Thermal
solution
Operating
Temp
MIO-5375C7P-Q4A1
i7-1185G7E
28W
4.4 GHZ
4
2
USB3.0*4
USB Type-C*1
2
2
1
Y
Active
0 ~ 60 °C
MIO-5375C7-Q4A1
i7-1185G7E
15W
4.4 GHZ
4
2
USB3.0*4
USB Type-C*1
2
2
1
Y
Passive
0 ~ 60 °C
MIO-5375C5-Q1A1
i5-1145G7E
15W
4.1 GHZ
4
2
USB3.0*4
USB Type-C*1
2
2
1
Y
Passive
0 ~ 60 °C
MIO-5375C3-P9A1
i3-1115G4E
15W
3.9 GHZ
2
2
USB3.0*4
USB Type-C*1
2
2
1
Y
Passive
0 ~ 60 °C
MIO-5375C7X-Q4A1
i7-1185GRE
15W
4.4 GHZ
4
2
USB3.0*4
USB Type-C*1
2
2
1
Y
Passive
-40~ 85 °C
MIO-5375CR-S8A1
Celeron® 6305E
15W
-
2
2
USB3.0*4
USB Type-C*1
2
2
1
Y
Passive
0 ~ 60 °C
Note: Standard product has two different cTDP setting (28/15W), and it has different BIOS setting. Please choose the correspond cTDP sku for your application.
Packing List
Part No.
Description
Quantity
MIO-5375 SBC
1
Startup Manual
1
1700006291
SATA cable, 7P 30cm
1
1700031583-01
SATA Power cable, 15P/1*2P-2.0 35cm
1
1700030406-01
USB2.0 cable, 2*5P-2.0/USB-A 4P(F)*2 20cm
1
1700030404-01
COM1/2 Cable, D-SUB 9P(M)/1*10P-1.25
20cm
2
1700031582-01
COM3/4 Cable, D-SUB 9P(M)/1*5P-1.25
20cm
2
1700019584-01
Audio cable, 2*5P-2.0/Audio JACK*3 20cm
1
1970004794T001
MIO-5375 heatsink
1
1970004884T001
MIO-5375 QFCS Cooler
1
96665375000
Screws kit
1
mini Jumper pack
1
LVDS
2-CH 48-bit
M.2 E-Key 2230
PTN3460
DDI B
CH-0
CH-1
PCIex1, USB2.0, I2C
M.2 M Key 2280
GPIO 8-bit
I2C
CANBus
SMBus
PCIex4 Gen.4, opt. SATA
USB2.0*2
USB2.0
SATA Gen 3.
Nano SIM
M.2 B Key 3042
SATA(default)
USB2.0
Audio
Line-in/out/MIC
COM1
RS-232/422/485
COM2
RS-232/422/485
COM3
RS-232
COM4
RS-232
SPI
SPI
CODEC ALC-888
TPM2.0 AES-256
256M BIOS
EIO-201
SPI
GbE (vPro)
i219LM/-V
PCIex1
GbE
I210
PCIex1
eSPI
HDMI2.0b
DP
USB Type-C
(TCP0) USB3.2, DP
USB 3.1 Gen.2
P1 – P4
USB3.1 + USB2.0
eDP 4-Lane
DDI A
(TCP2)Type-C
(TCP1)Type-C
PCIex1
PCIex1
PCIex1
PCIex1 USB2.0
MIO Extension I/F
SMB
Line-out Display
port
LPC
eSPI-to-LPC
Intel
Tiger Lake-UP3 SoC
I7/i5/i3/Celeron
(15/28W)
DDR4-3200
Dual Channel
Up to 64GB
IBECC
DDR4-3200
Dual Channel
Up to 64GB
IBECC
Optional Accessories
Part No.
Description
1970004833N001
Heat spreader
Embedded OS/API
OS
Part No.
Description
WIN10
20706WX9HM0017
64-bit (UEFI mode only)
Software API
Download by website
Ubuntu 20.04
20706U20DS0003
Desktop 20.04 LTS 64-bit
Rear I/O View



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com