Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  11th Gen. Intel® Core™ i7/i5/i3/Celeron U-Series 3.5" SBC w/ MIOe
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MI/O Extension SBCs, Modules and Chassis
Features
MIO-5375
11th Gen. Intel® Core™ i7/i5/i3/Celeron
U-Series 3.5" SBC w/ MIOe
ƒ
11th Gen. Intel® Core™ Processor with Quad/Dual Cores, TDP 15W/ 28W
ƒ
Dual Channel DDR4-3200 up to 64GB
ƒ
4 simultaneous displays: LVDS/HDMI/DP/USB Type-C, eDP (optional)
ƒ
2 GbE, 4 USB3.2, CAN Bus, DC-in 12-24V
ƒ
Expansion: M.2 E-Key/B-Key/M-Key (supports NVMe), MIOe
ƒ
Supports iManager, WISE-PaaS/RMM, SW API, and Edge AI Suite
Specifications
Platform
Processor
i7-1185G7E
i7-1185GRE
i5-1145G7E
i3-1115G4E
Celeron® 6305E
Max. Frequency
4.40 GHz
4.40 GHz
4.10 GHz
3.90 GHz
-
Base Frequency
1.80/ 2.8 GHz
1.80/ 2.8 GHz
1.50/ 2.6 GHz
2.20/ 3.0 GHz
1.80GHz
Core/Tread
4/8
4/8
4/8
2/4
2/2
LLC
12MB
12MB
8MB
6MB
4MB
CPU cTDP-down/ Up/ Nominal
12W/ 15W/ 28W
12W/ 15W/ 28W
12W/ 15W/ 28W
12W/ 15W/ 28W
12W/15W/28W
Chipset
Intel® 300 Series Chipset (SoC Integrated)
BIOS
AMI EFI 256Mbit
Memory
Technology
DDR4-3200
Max. Capacity
Up to 64GB
Channel/Socket
Dual Channels / 2 Sockets
ECC Support
No
Yes
No
No
No
Graphics
Controller
Intel® Iris® Xe graphics, up to 96 graphics execution units (EU)
Max. Frequency
3200MT/s
3200MT/s
3200MT/s
3200MT/s
Display I/F
LCD
1 x LVDS: Dual Channel 18/24-bit, up to 1920 x 1200
Optional eDP1.4 HBR3, up to 4096x2304x36bpp@60Hz or 5120x3200x24bpp@24Hz
HDMI/DP
1 x HDMI 2.0b, up to 4Kx2Kx24bpp@60Hz
1 x DP1.4a, up to 4096x2304x36bpp@60Hz or 5120x3200x24bpp@60Hz
Multiple Display
4 simultaneous displays with each display interface combinations
External I/O
Ethernet
2 x GbE, LAN1: Intel i219LM, LAN2: Intel i210AT/IT (for industrial grade)
HDMI/DP
1/1
USB Type-C
1 x USB3.2 Gen. 2x2 20Gbps, support DP1.4a via Alt. Mode
USB3.2
4 x USB3.2 Gen. 2x1 10Gbps
LED
Power status, SATA R/W
Power DC-Jack
Optional
Internal I/O
SATA
1 x SATA GenIII 6.0 Gbps
USB2.0
2
Serial Bus
I2C, SMBus
COM Port
2 x RS-232/422/485, 2 x RS-232 (4-wire)
GPIO
8-bit general purpose input output I/O
Audio
Realtek ALC888, Line-in/Line-out/MIC
Invertor
12V/5V/3.3V selectable
LPC/SPI Bus
LPC
CAN Bus
1 x CANBus 2.0
Fan
4-wire smart fan
Front Panel Control
Power-on, Reset, Buzzer, SATA LED, CaseOpen
Board Feature
Watchdog Timer
65536 level, 0~65535 sec
TPM
TPM2.0, Infineon SLB9670
iManager 3.0
SW API for Hardware Monitor, Smart Fan Control, Brightness Control, I2C, GPIO, WDT
Expansion
M.2 E-Key
1 x E-Key 2230 (PCIe x1, USB2.0, I2C)
M.2 B-Key
1 x B-Key 3042 (USB2.0) w/ Nano-SIM
M.2 M-Key
1 x M-Key 2280 (PCIe x4 Gen.4 for PCIe SSD), optional SATA
MI/O Extension
4 PCIe x1 (Gen 3), 1 x USB2.0, LPC, SMBus, Line-out, Optional DP, Power-on, Reset
Power
Supply Voltage
Vin: DC 12V-24V ± 5%; RTC Battery: Lithium 3V/210mAH
Connector
ATX 2x2 pin 90D, optional DC-Jack or ATX 2x2 pin 180D
Power Management
AT, ATX
Max. Consumption
43.3W (12V) / 46.8W (24V)
TBU
TBU
TBU
Idle Consumption
16.6W (12V) / 19.2W (24V)
TBU
TBU
TBU
Environment
Temperature
Operating: Standard: 0 ~ 60 °C (32 ~ 140 °F), Extend: -40 ~ 85 °C (-40 ~ 185 °F)
Storage: -40 ~ 85 °C (-40 ~ 185 °F)
Humidity
Operating: 40 °C @ 95% relative humidity, non-condensing
Storage: 60 °C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Certification
EMC
CE, FCC Class B
Mechanical
Dimensions
146 x 102 mm (5.7” x 4”)
Software APIs:
GPIO
SMBus/I2C Watch Dog
Timer
Backlight
On/Off
Brightness
Hardware
Monitor
System
Thro�ling
Thermal
Protec�on
CAN bus
Smart Fan
Data
Security
System Info
NEW
All product specifications are subject to change without notice.
Last updated: 10-Jun-2022


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-5373 ADVANTECH-MIO-5373 Datasheet
1Mb / 2P
8th Gen. Intel짰 Core??i7/i5/i3/Celeron* U-Series 3.5
4-Feb-2021
MIO-2375 ADVANTECH-MIO-2375 Datasheet
5Mb / 6P
11th Gen. Intel® Core™ i7/i5/i3/Celeron U-series Pico-ITX SBC
16-Jun-2022
MIO-5377 ADVANTECH-MIO-5377 Datasheet
998Kb / 2P
12th Gen. Intel® CoreTM i7/ i5/ i3 P-series 3.5" SBC
13-Jul-2022
MIO-5391 ADVANTECH-MIO-5391 Datasheet
1Mb / 2P
7th Gen Intel Core Mobile Processors, Xeon, i7, i5, i3 3.5" SBC w/ MIOe
12-Jan-2021
logo
AAEON Technology
GENESYSM-TGU6 AAEON-GENESYSM-TGU6 Datasheet
438Kb / 2P
3.5” SubCompact Board System with 11th Generation Intel® Core™ i7/i5/i3/Celeron CPU
2022/10/05
GENE-TGU6 AAEON-GENE-TGU6 Datasheet
846Kb / 2P
3.5” SubCompact Board with 11th Generation Intel® Core™ i7/i5/i3/Celeron CPU
2022/10/25
PICO-TGU4-SEMI AAEON-PICO-TGU4-SEMI Datasheet
420Kb / 2P
PICO-SEMI Embedded with 11th Generation Intel® Core™ i7/i5/i3/Celeron® U-Series Processor SoC
2022/11/08
logo
BCM Advanced Research.
ECM-RPLP BCM-ECM-RPLP Datasheet
962Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
05/25/2023
ECM-TGU BCM-ECM-TGU Datasheet
3Mb / 2P
11th Gen Intel® Tiger Lake U Core™ SoC i7/i5/i3 & Celeron® BGA Processor Onboard 3.5” SBC
02/17/2023
EMX-TGLP BCM-EMX-TGLP Datasheet
616Kb / 2P
11th Gen Intel® Core™ SoC i7/i5/i3 & Celeron BGA Mini-ITX Motherboard
2022/04/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com