Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.advantech.com/products
Online Download
Block Diagram
MIO-5393
Ordering Information
Part No.
CPU
Core
Max.
Frequency
TDP
vPro
PCH
ECC
LVDS/eDP1
M.2 Slot
Extension2
Power
Connector3
Thermal
Solution
Operating
Temperature
MIO-5393RE6C-U8A1
E-2276ME
6
4.5 GHz
45W
Yes
CM246
Yes
LVDS
B-key + E-key
2x2 pin
Active
0 ~ 60 °C
MIO-5393RC7Q-U7A1
i7-9850HE
6
4.4 GHz
45W
Yes
QM370
No
LVDS
B-key + E-key
2x2 pin
Active
0 ~ 60 °C
MIO-5393RC7Q-S9A1
i7-9850HL
6
4.1 GHz
25W
Yes
QM370
No
LVDS
B-key + E-key
2x2 pin
Passive
0 ~ 60 °C
MIO-5393C5Q-U5A1
i5-8400H
4
4.2 GHz
45W
Yes
QM370
No
LVDS
B-key + E-key
2x2 pin
Active
0 ~ 60 °C
MIO-5393RE6CX-U8A1
E-2276ME
6
4.5 GHz
45W
Yes
CM246
Yes
LVDS
B-key + E-key
2x2 pin
Active
-40 ~ 85°C
1. eDP is supported by request
2. M.2 M-key +E-key is supported by request
3. DC-Jack with lock is supported by request
Optional Accessories
Part No.
Description
1960094211T001
Active Cooler (65mm height)
1970004423N100
Heat Spreader
1700030406-01
Internal 2 ports USB cable 20CM
Embedded OS/API
OS
Part No.
Description
Win10 (High End for Xeon/Core i7)
20706WX9HS0051
img W10 19HL MIO-5393 64b 1809 ENU
Win10 (Value for Core i5/i3)
20706WX9VS0055
img W10 19VL MIO-5393 64b 1809 ENU
Ubuntu (Desktop 20.04 LTS)
20706U20DS0000
img Ubun20.4 MIO-5393 64b 2004 ENU
Software API
N/A
SUSI 4.0/iManager 3.0
Software API
N/A
WISE-PaaS/DeviceOn
Software API
N/A
Edge AI Suite
Rear I/O View
Packing List
Part No.
Description
Quantity
MIO-5393 SBC
1
2046539300
Startup Manual
1
1700006291
SATA cable
1
1700018785
SATA Power cable
1
1700019584
Audio cable
1
1700030404-01
COM cable
1
1970004482T000
QFCS Cooler (TDP 45W SKU ; 43mm height)
1
19Z0001957N001
CPU bracket for Passive Heatsink (TDP 25W SKU)
1
1960094210N000
Passive Heatsink (TDP 25W SKU)
1
Mini Jumper pack (10pcs)
1
Screw kit (2pcs for M.2 device)
1
Screw Kit (4 sets of screw & stand-off)
1
*Function block with dotted line support by request
Nano SIM
48-bit LVDS
eDP
(4k@60Hz)
CAN Bus
SMBus
I2C
2 x 8-bit GPIO
Intel Coee Lake-H
Mobile CPU
256MB BIOS
EIO-IS201
TPM 2.0
Intel Cannon Lake
Mobile PCH-H
CM246 (support ECC)
QM370
2 x DDR4 SODIMM
2400MHz dual channel
up to 64G*
2 x GbE
PTN3460
DDI x1
DDI x1
DDR channel
2 x USB 3.1 Gen2
2 x USB 3.1 Gen2
Line-in/Out/MIC
COM1 RS-232/422/485
COM2 RS-232/422/485
eDP
M.2 Key E
PCIe x 1 (Gen.3)
USB2.0 x 1
M.2 Key M
PCIe x 4 (Gen.3)
SATA III x 1
M.2 Key B
PCIe x 2 (Gen.3)
SATA III x 1
USB2.0 x 1
2 x SATA III
MIOe
SATA III x 2
DDI x 1, 4 PCIe x1,
USB3.0/2.0
LPC, SMBUS, Rest,
Line out, Power on
I210
PCIe x1
DMI 3.0
Audio Codec
I219
PCIe x1
SPI
LPC
SPI
DP 1.2 (DP++) (4k@60Hz)
HDMI 1.4 (4k@30Hz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com