Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPC-R3220 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EPC-R3220
Description  9th/8th Gen. Intel Xeon /Core™ Processor, 3.5" SBC w/ MIOe
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EPC-R3220 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EPC-R3220 Datasheet HTML 1Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 2Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 3Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 4Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 5Page - Advantech Co., Ltd. EPC-R3220 Datasheet HTML 6Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MI/O Extension SBCs, Modules and Chassis
Features
MIO-5393
9th/8th Gen. Intel® Xeon®/Core™
Processor, 3.5" SBC w/ MIOe
ƒ
9th/8th Gen. Intel® Xeon®/Core™ Processor, up to 6 cores, and TDP 45W/25W
ƒ
Dual channel DDR4-2400, up to 64GB*, ECC for Xeon SKU
ƒ
Triple simultaneous displays with 48-bit LVDS+HDMI+DP
ƒ
USB 3.1 Gen2 (10 Gbps), TPM 2.0 & NVMe/PCIe Gen3x4 SSD
ƒ
Dual GbE, SATAIII, RS-232/422/485, CANBus, SMBus, I2C
ƒ
M.2 B-Key 2280/3042, (optional M-Key 2280) & M.2 E-Key 2230
ƒ
Supports iManager, SUSI APIs, WISE-DeviceOn and Edge AI Suite
Specifications
Platform
Processor
E-2276ME
i7-9850HE
i7-9850HL
i5-8400H
Max. Frequency
4.5 GHz
4.4 GHz
4.1 GHz
4.2 GHz
Base Frequency
2.8 GHz
2.7 GHz
1.9 GHz
2.5 GHz
Core/Tread
6C/12T
6C/12T
6C/12T
4C/8T
Last Level Cache
12MB
9MB
9MB
8MB
CPU TDP
45W
45W
25W
45W
Chipset
CM246
QM370
QM370
QM370
BIOS
AMI UEFI 256Mbit
Memory
Technology
DDR4-2400
Max. Capacity
Up to 64GB *Support with selected memory module
Channel/Socket
Dual Channel 260P SO-DIMM (1 DIMM per Channel)
ECC Support
Yes
No
No
No
Graphics
Controller
Intel Gen 9 low power graphics
Max. Frequency
1150 MHz
1150 MHz
1150 MHz
1100 MHz
Base Frequency
350 MHz
350 MHz
350 MHz
350 MHz
3D/HW Acceleration
3D: DX 2015/11.2/11.1/10/9 ; OpenGL4.5; OpenCL 2.0/1.2/1.0
HW Decode: AVC/H264, VC1/WMV9, MPEG2, HEVC/H265 (8/10 bits), VP8, JPEG/MJPEG, VP9
HW Encode: AVC/H264, MPEG2, HEVC/H265, VP8, JPEG, VP9
Display I/F
LCD
1 x LVDS Dual Channel 24-bit, up to WUXGA 1920 x 1200 at 60Hz; *Optional, eDP 1.4, support up to 4096x2304 @ 60Hz
HDMI/DP
1 x HDMI 1.4a. Support up to 4096x2160 @ 30 Hz; 1 x DP 1.2, Support up to 4096x2304 @ 60Hz
Multiple Display
Triple simultaneous displays with 48-bit LVDS/eDP + HDMI + DP
Ethernet
Controller
LAN1: Intel i219, LAN2: Intel i210
Speed
10/100/1000 Mbps
External I/O
Ethernet
2 x RJ-45
VGA/HDMI/DP
-/1/1
USB3.1
4 (USB3.1 Gen.2)
COM Port
1 x RS-232/422/485
LED
Power status, HDD R/W
Power DC-Jack
Optional
Internal I/O
SATA
2 x SATA GenIII 6.0Gbps
USB2.0
2
Serial Bus
1 x SMBus; 1 x I2C
COM Port
1 x RS-232/422/485
GPIO
2 x 8-bit general purpose input/output
Audio
Realtek ALC888S, High Definition Audio (HD), Line-in, Line-out, Mic-in
Invertor
3.3/5/12V for VDD power, 5/12V for inverter
LPC/SPI Bus
LPC for EC & SPI for BIOS & TPM 2.0
CAN Bus
1
Fan
1 x 4-Wire Smart Fan,12V@2A
Front Panel Control
Power LED, HD LED, Reset, Power Switch, Case Open, Buzzer
Board Feature
Watchdog Timer
65536 level, 0~65535 sec
TPM
TPM2.0 (Infineon SLB9670)
iManager 3.0
Software APIs for Power Monitor, CPU Temp., Smart Fan, GPIO, WDT, SMBus, I2C, Backlight & Brightness Control, CANBus
Storage
NVMe
1, PCIe Gen.3 x4 with optional M-key 2280
SATA
2, up to 6Gb/s (600 MB/s)
Expansion
M.2
1 x E-Key (PCIe x1, USB 2.0) - M.2 2230 WiFi/BT module
1 x B-Key (PCIe Gen.3 x2, SATA Gen.3, USB2.0) - M.2 2280 SSD module or M.2 3042 4G/LTE module (with nano SIM slot and bracket)
*Optional, M-Key (PCIe Gen.3 x4, SATA Gen.3) - M.2 2280 NVME/PCIE Gen.3x4 SSD module
mPCIe/mSATA
-
MI/O Extension
DDI x 1, 4 PCIe x1, USB3.0, USB2.0, LPC, SMBus, Line-out, Power-on, Reset
Power
Supply Voltage
Vin: DC 12V ± 10%; RTC Battery: Lithium 3V/210mAH
Connector
ATX 2x2 pin 90D, optional DC-Jack with lock or ATX 2x2 pin 180D
Power Management
AT, ATX
Max. Consumption
102.75W
95.38W
44.55W
74.44W
Idle Consumption
11.55W
11.55W
11.55W
11.55W
Environment
Temperature
Operating: Standard: 0 ~ 60 °C (32 ~ 140 °F); Extend: -40 ~ 85 °C (-40 ~ 185 °F)
Storage: -40 ~ 85 °C (-40 ~ 185 °F)
Humidity
Operating: 40 °C @ 95% relative humidity, non-condensing
Storage: 60 °C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Certification
EMC
CE, FCC
Safety
-
Mechanical
Dimensions
146 x 102 mm (5.7” x 4”)
Software APIs:
GPIO
SMBus/I2C Watch Dog
Timer
Backlight
On/Off
Brightness
Hardware
Monitor
System
Thro�ling
Thermal
Protec�on
CAN bus
Smart Fan
Data
Security
System Info
NEW
All product specifications are subject to change without notice.
Last updated: 1-Sep-2021


Similar Part No. - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
506Kb / 2P
TI Sitara??AM3352 Cortex짰-A8 ARM-Based IoT Gateway
8-Jun-2020
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
2Mb / 6P
8th Gen. Intel® Core Processor SoC Multiple I/Os Fanless Embedded System
15-Sep-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX8M Plus Cortex®-A53 Edge AI RISC-based Box Computer
12-Sep-2022
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
3Mb / 4P
NXP i.MX6 Cortex-A9 RISC Embedded Mini-ITX Box Computer
7-Jul-2021
EPC-R3220 ADVANTECH-EPC-R3220 Datasheet
1Mb / 6P
Intel Atom E3900 series Embedded SBC Fanless Slim System
1-Nov-2021
More results

Similar Description - EPC-R3220

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-CM246 DFI-CH960-CM246 Datasheet
812Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
CS551 DFI-CS551 Datasheet
1Mb / 2P
9th/8th Gen Intel Core 3.5CBS
KU553 DFI-KU553 Datasheet
1Mb / 2P
7th Gen Intel Core 3.5 SBC
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
WL551 DFI-WL551 Datasheet
781Kb / 4P
8th Gen Intel Core 3.5
logo
Advantech Co., Ltd.
EPC-T4286 ADVANTECH-EPC-T4286 Datasheet
927Kb / 2P
THIN barebone with 8th/9th Gen. Intel® Desktop Core i Processor
26-May-2021
MIO-5375 ADVANTECH-MIO-5375 Datasheet
5Mb / 6P
11th Gen. Intel® Core™ i7/i5/i3/Celeron U-Series 3.5" SBC w/ MIOe
10-Jun-2022
MIO-5391 ADVANTECH-MIO-5391 Datasheet
1Mb / 2P
7th Gen Intel Core Mobile Processors, Xeon, i7, i5, i3 3.5" SBC w/ MIOe
12-Jan-2021
logo
BCM Advanced Research.
ECM-RPLP BCM-ECM-RPLP Datasheet
962Kb / 2P
13th Gen Intel® Core™ i7/i5/i3 Mobile Processor onboard, 3.5” SBC
05/25/2023
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com