Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3 Datasheet(PDF) 2 Page - Littelfuse

Part # SC3
Description  Sequencing Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SC3 Datasheet(HTML) 2 Page - Littelfuse

  SC3 Datasheet HTML 1Page - Littelfuse SC3 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Sequencing Controls
www.littelfuse.com/sc3-sc4
Rev: 1-A-062316
Specifications
SC3 / SC4 SERIES
Specifications
Technical Data
Operation
Sequential 3 circuit flashing of
incandescent lamp loads. Fixed rate.
For sequential 4 circuit and adjustable rates,
please contact the factory.
Rate
Fixed: 30 operations per minute (±10%)
Input
Voltage
120VAC ±15%
AC Line Frequency
50/60 Hz
Output
Type
Solid state
Rating
1A steady state per output
Mechanical
Mounting
Surface mount with two #6 (M3.5 x 0.6) screws
Termination
0.25 in. (6.35 mm) male quick connect terminals
Dimensions
H 88.9 mm (3.5”); W 63.5 mm (2.5”);
D 31 mm (1.22”)
Protection
Circuitry
Encapsulated
Dielectric Breakdown
≥ 2000V RMS terminals to mounting surface
Insulation Resistance
≥ 100 MΩ
Environmental
Operating/Storage
Temperature
-20° to 60°C / -40° to 85°C
Humidity
95% relative, non-condensing
Weight
≅ 5.4 oz (153 g)
Flasher Function Diagram
FLASHER (CHASING)
SC4 shown.
For SC3, L4 is eliminated and L1TD
begins as soon as L3TD is completed.
4
V = Voltage
R = Reset
L1, L2, L3, L4 = Lamps
TD =Time Delay
(all are equal)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com