Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3 Datasheet(PDF) 1 Page - Littelfuse

Part # SC3
Description  Sequencing Controls
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SC3 Datasheet(HTML) 1 Page - Littelfuse

  SC3 Datasheet HTML 1Page - Littelfuse SC3 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Flashers and Tower Lighting Controls
Sequencing Controls
www.littelfuse.com/sc3-sc4
Rev: 1-A-062316
Wiring Diagram
SC3 / SC4 SERIES
Description
The SC3/SC4 Series are solid-state 3 or 4 channel chasers
designed for sequential three circuit flashing of incandescent
lamp loads. Unlike electromechanical chasers, there are no
contacts to arc, wear, and eventually fail.
Operation
Sequential 3 or 4 circuit flashing of incandescent loads with
equal time delays for each load. Upon application of input
voltage, Load 1 is energized. At the end of the time delay, Load 1
de-energizes and Load 2 energizes. At the end of the time delay,
Load 2 de-energizes and Load 3 energizes. This cycle continues
until input voltage is removed. The set time delay (rate) is the
timing for the whole cycle, for all 3 loads (output contacts).
Reset: Removing input voltage resets the unit and cycle.
Features & Benefits
FEATURES
BENEFITS
Totally solid state
and encapsulated
No moving parts to arc and wear out over time and
encapsulated to protect against shock, vibration,
and humidity
1A steady solid
state output
Provides 100 million operations in typical conditions.
Accessories
P1015-13 (AWG 10/12), P1015-64 (AWG 14/16),
P1015-14 (AWG 18/22) Female Quick Connect
These 0.25 in. (6.35 mm) female terminals are
constructed with an insulator barrel to provide
strain relief.
P1015-18 Quick Connect to Screw Adapter
Screw adapter terminal designed for use with
all modules with 0.25 in. (6.35 mm) male quick
connect terminals.
L1
N/L2
SC4 shown. For SC3, terminal 6 and
load L4 are eliminated.
V = Voltage
L1 = Load 1
L2 = Load 2
L3 = Load 3
L4 = Load 4
Ordering Information
MODEL
INPUT VOLTAGE RATING CHANNEL
FLASH RATE
SC3120A
120VAC
1A
3 Sequential
Adjustable
30 - 30FPM
SC4120A
120VAC
1A
4 Sequential
Adjustable
30 - 30FPM
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - SC3

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
High Power Chip Resistors
logo
TT Electronics.
SC3 TTELEC-SC3 Datasheet
986Kb / 3P
3 watts in a 1 watt size package
SC3 TTELEC-SC3 Datasheet
1Mb / 3P
High Power Chip Resistors
logo
SHENZHEN FUMAN ELECTRON...
SC3 FUMAN-SC3 Datasheet
171Kb / 19P
16 PIN Remote Control IC
logo
TEKTRONIX, INC.
SC3 TEKTRONIX-SC3 Datasheet
2Mb / 36P
Mixed Domain Oscilloscopes
More results

Similar Description - SC3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST699 ETC1-ST699 Datasheet
275Kb / 2P
HEATING CONTROLS
logo
Bourns Electronic Solut...
PTE BOURNS-PTE Datasheet
38Kb / 3P
Panel Controls
PDV BOURNS-PDV Datasheet
31Kb / 2P
Panel Controls
logo
Texas Instruments
PTB78560A TI1-PTB78560A_16 Datasheet
653Kb / 27P
AUTO-TRACK??SEQUENCING
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
Power Sequencing Controller
logo
Microchip Technology
LR8 MICROCHIP-LR8 Datasheet
452Kb / 16P
Motor controls
01/27/15
logo
OmniVision Technologies...
OV2735 OMNIVISION-OV2735 Datasheet
832Kb / 2P
programmable controls
logo
Maxim Integrated Produc...
MAX16050EVKIT MAXIM-MAX16050EVKIT Datasheet
536Kb / 13P
Reverse-Sequencing Operation
Rev 0; 7/08
logo
Littelfuse
ALT-XXX-1-SW LITTELFUSE-ALT-XXX-1-SW Datasheet
262Kb / 2P
Pump Controls and Liquid Level Controls
2016 Rev: 1-A-062716
logo
Renesas Technology Corp
SLG7NT4964V RENESAS-SLG7NT4964V Datasheet
350Kb / 8P
DDR_RAIL SEQUENCING
February 25, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com