Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK090 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # RAMK090
Description  Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK090 Datasheet(HTML) 4 Page - Vishay Siliconix

  RAMK090 Datasheet HTML 1Page - Vishay Siliconix RAMK090 Datasheet HTML 2Page - Vishay Siliconix RAMK090 Datasheet HTML 3Page - Vishay Siliconix RAMK090 Datasheet HTML 4Page - Vishay Siliconix RAMK090 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RAMK090
www.vishay.com
Vishay MCB
Revision: 13-Aug-2021
4
Document Number: 32538
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPTIONS
• Other design on request (mechanical interfaces, electrical interfaces, ...)
DIMENSIONS in millimeters
DESIGN ON REQUEST
DETAIL B
3 max.
Heat
shrink
able
slee
ve
Wire
s length:
300
±
20
(Ø 94.6)
(Ø 45)
4 x Ø 2.8
4 x Ø 2.8
C-C
A
A
C
C
4 x (Ø 101)
Rotor
Stator
Ø (90)
Ø 37 +0.015
0
Ø 53.4 -0.05
0
B



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com