Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAMK090 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RAMK090
Description  Rotational Absolute Magnetic Kit Encoder Version 90 mm Displacement Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RAMK090 Datasheet(HTML) 3 Page - Vishay Siliconix

  RAMK090 Datasheet HTML 1Page - Vishay Siliconix RAMK090 Datasheet HTML 2Page - Vishay Siliconix RAMK090 Datasheet HTML 3Page - Vishay Siliconix RAMK090 Datasheet HTML 4Page - Vishay Siliconix RAMK090 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RAMK090
www.vishay.com
Vishay MCB
Revision: 13-Aug-2021
3
Document Number: 32538
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL INTERFACE DESCRIPTION - SSI INTERFACE
Timing Diagram
6 WIRES CONNECTIONS
NAME
WIRE COLOR
GND
Black
+5 V
Red
CLK+
White
CLK-
Clear
DATA+
Green
DATA-
Yellow
SSI PARAMETERS
Output code
Binary
Data differential interface
RS422 according to EIA-RS422
CLK differential interface
RS422 according to EIA-RS422
Minimum clock frequency
300 kHz
Maximum clock frequency
4 MHz
Data bit (n)
21 bits
Master system
Sensor
+5 V
+5 V
+5 V
+5 V
100
Ω
+5 V
+5 V
GND
+5 V
DATA+
DATA-
CLK-
CLK+
S
Start
of cycle
End
of cycle
T
sampling ≥ 20.5 x Tclock + Tp + 500 ns
T
p = 12 μs
≥ 500 ns
T
clock =
1
F
clock
≤ 200 ns
CLK+
CLK-
DATA+
0
1
2
18
19
20
DATA-
MSB
LSB



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com