Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC10LH4D152W...E. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # REC10LH4D152W...E.
Description  Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (Unsealed Series/Ø 10 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC10LH4D152W...E. Datasheet(HTML) 1 Page - Vishay Siliconix

  REC10LH4D152W...E. Datasheet HTML 1Page - Vishay Siliconix REC10LH4D152W...E. Datasheet HTML 2Page - Vishay Siliconix REC10LH4D152W...E. Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series REC 10 LH
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
1
Document Number: 54020
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Linear Transducers,
Designed for Mounting in Hydraulic or Pneumatic Cylinder,
Conductive Plastic Element (Unsealed Series/Ø 10 mm)
These unsealed sensors are suitable for installation in the
high pressure chamber of cylinders.
FEATURES
• Large range of strokes from 25 mm to 500 mm
• High accuracy
• Very good repeatability
• Continuous resolution
• Easy mounting
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
QUICK REFERENCE DATA
Sensor type
LINEAR, conductive plastic
Output type
Wires
Market appliance
Industrial
Dimensions
10 mm dia.
ELECTRICAL SPECIFICATIONS
Theoretical electrical travel (TET) = E
From 25 mm to 500 mm in increments of 25 mm
Independent linearity (over TET)
on request
 ± 1 %;  ± 0.1 %
 ± 0.05 % if E  100 mm
 ± 0.025 % if E  200 mm
Actual electrical travel (AET)
TET + 6 mm ± 0.5
Total resistance RT
150
/cm
Resistance tolerance at 20 °C
± 20 %
Repeatability
 0.01 %
Maximum power rating
0.05 W/cm at 70 °C, 0 W at 125 °C
Wiper current
1 mA max. continuous, recommended: a few μA
Load impedance
1000 times RT minimum
Insulation resistance
> 1000 M
, 500 V
DC
Dielectric strength
> 300 VRMS at 50 Hz
MECHANICAL SPECIFICATIONS
Mechanical travel (MT)
MT = TET
Body
Anodized aluminum
Rod internal diameter
10 LH: Ø 12 mm
Operating force
1 N typical
Electrical outputs
Wires, L = 300 mm
Oil
Insulating mineral hydraulic
Pressure
300 bars continuous, 1000 bars accidentally
Wiper
Precious metal multifinger
PERFORMANCE
Life
25 million cycles typical/1 Hz/T° = 20 °C ± 5 °C/80 % TET
Temperature Limits
-20 °C to +80 °C
Speed at 20 °C
1.5 m/s max.


Similar Part No. - REC10LH4D152W...E.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC10LH4D152W VISHAY-REC10LH4D152W Datasheet
277Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (Unsealed Series/Ø 10 mm
26-Mar-15
More results

Similar Description - REC10LH4D152W...E.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16LH VISHAY-16LH Datasheet
146Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
08-Jan-04
REC10LA VISHAY-REC10LA Datasheet
286Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic (Sealed Series/Ø 10 mm)
26-Mar-15
REC10LH VISHAY-REC10LH Datasheet
277Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (Unsealed Series/Ø 10 mm
26-Mar-15
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC16LH VISHAY-REC16LH Datasheet
280Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC10LA VISHAY-REC10LA_V01 Datasheet
283Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastics
26-Mar-15
REC16LA VISHAY-REC16LA_V01 Datasheet
386Kb / 4P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element
26-Mar-15
REC16LH VISHAY-REC16LH_V01 Datasheet
277Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic
26-Mar-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com