Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC10LH4D152W...E. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # REC10LH4D152W...E.
Description  Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (Unsealed Series/Ø 10 mm)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC10LH4D152W...E. Datasheet(HTML) 2 Page - Vishay Siliconix

  REC10LH4D152W...E. Datasheet HTML 1Page - Vishay Siliconix REC10LH4D152W...E. Datasheet HTML 2Page - Vishay Siliconix REC10LH4D152W...E. Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series REC 10 LH
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
2
Document Number: 54020
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters, general tolerance ± 1 mm
G VIEW
Ø 12
- 0.1
- 0.2
15.3
+ 0.1
- 0.1
13.8
Ø 19
+ 0.2
- 0
Ø 18
+ 0.2
- 0
1.1
+ 0.1
- 0
Ø 12
+ 0.3
+ 0.1
+ 0.1
- 0.1
L = E + 51 MAX.
15.3
19.9
18.5
AET = TET + 6 ± 1.5
4.5
MT = E
RESISTIVE TRACK
7
1.7
A
A
GREEN WIRE
RED WIRE
YELLOW WIRE
MOUNTING IN ACTUATOR
ELECTRICAL CONNECTIONS
TET = THEARETICAL ELECTRICAL TRAVEL
AET = ACTUAL ELECTRICAL TRAVEL
GREEN WIRE : +
RED WIRE: WIPER
YELLOW WIRE: -
TET
AET
ORDERING INFORMATION/DESCRIPTION
REC
10
LH
4
D
152
W...
e.
SERIES
MODEL
TYPE
THEORETICAL
ELECTRICAL
TRAVEL
LINEARITY
RESISTANCE
MODIFICATIONS
LEAD FINISH
Unsealed
Times 25 mm
A:
 ± 1 %
D:
 ± 0.1 %
E:
 ± 0.05 %
F:
 ± 0.025 %
First 2 digits are
significant numbers
third indicates
number of zeros
Special feature
code number
SAP PART NUMBERING GUIDELINES
RE
10 LH
4
D
152
W...
SERIES
MODEL
TET
LINEARITY
OHMIC VALUE
SPECIAL FEATURES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com