Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC16LA4D152W...E. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # REC16LA4D152W...E.
Description  Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC16LA4D152W...E. Datasheet(HTML) 1 Page - Vishay Siliconix

  REC16LA4D152W...E. Datasheet HTML 1Page - Vishay Siliconix REC16LA4D152W...E. Datasheet HTML 2Page - Vishay Siliconix REC16LA4D152W...E. Datasheet HTML 3Page - Vishay Siliconix REC16LA4D152W...E. Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series REC 16 LA
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
1
Document Number: 54018
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Linear Transducers, Designed for Mounting in Hydraulic
or Pneumatic Cylinder, Conductive Plastic Element
(Sealed Series/Ø 16 mm)
Those sensors are to be installed in the high pressure
chamber of cylinders and are equipped with glass-sealed
electrical outputs.
FEATURES
• Large range of strokes from 25 mm to 2000 mm
• High accuracy
• Very good repeatability
• Continuous resolution
• Easy mounting
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability.
QUICK REFERENCE DATA
Sensor type
LINEAR, conductive plastic
Output type
Wires
Market appliance
Industrial
Dimensions
L x 16 mm dia. (with L = TET + 77 mm)
ELECTRICAL SPECIFICATIONS
Theoretical electrical travel (TET = E)
From 25 mm to 2000 mm in increments of 25 mm
Independent linearity over TET
On request
 ± 1 %;  ± 0.1 %
 ± 0.05 % if E  100 mm, ± 0.025 % if E  200 mm
Actual electrical travel (AET)
TET + 6 mm ± 0.5
Total resistance RT
150
/cm
Resistance tolerance at 20 °C
± 20 %
Repeatability
 0.01 %
Maximum power rating
0.05 W/cm at 70 °C, 0 W at 125 °C
Wiper current
Recommended: a few μA - 1 mA max. (continuous)
Load impedance
1000 times RT minimum
Insulation resistance
> 1000 M
 500 V
DC
Dielectric strength
> 300 VRMS at 50 Hz
MECHANICAL SPECIFICATIONS
Mechanical travel MT
MT = TET
Body
Anodized aluminum
Rod internal diameter
16 LA: Ø 18 mm
Support
Stainless steel
Operating force
1 N typical
Sealing
Glass-sealing on electrical outputs
Electrical outputs
On request
Connector
Wires
Oil
Insulating mineral hydraulic
Pressure
300 bars continuous, 1000 bars accidentally
Wiper
Precious metal multifinger
PERFORMANCE
Life
25 million cycles typical/1 Hz/T° = 20 °C ± 5 °C/80 % TET
Temperature limits
-20 °C to +80 °C
Speed at 20 °C
1.5 m/s max.


Similar Part No. - REC16LA4D152W...E.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC16LA4D152W VISHAY-REC16LA4D152W Datasheet
389Kb / 4P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (Sealed Series/Ø 16 mm)
26-Mar-15
More results

Similar Description - REC16LA4D152W...E.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
16LH VISHAY-16LH Datasheet
146Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
08-Jan-04
REC10LA VISHAY-REC10LA Datasheet
286Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic (Sealed Series/Ø 10 mm)
26-Mar-15
REC10LH VISHAY-REC10LH Datasheet
277Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (Unsealed Series/Ø 10 mm
26-Mar-15
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC16LH VISHAY-REC16LH Datasheet
280Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC10LA VISHAY-REC10LA_V01 Datasheet
283Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastics
26-Mar-15
REC10LH VISHAY-REC10LH_V01 Datasheet
274Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (Unsealed Series/Ø 10 mm)
26-Mar-15
REC16LH VISHAY-REC16LH_V01 Datasheet
277Kb / 3P
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic
26-Mar-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com