Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC16LA4D152W...E. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # REC16LA4D152W...E.
Description  Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC16LA4D152W...E. Datasheet(HTML) 2 Page - Vishay Siliconix

  REC16LA4D152W...E. Datasheet HTML 1Page - Vishay Siliconix REC16LA4D152W...E. Datasheet HTML 2Page - Vishay Siliconix REC16LA4D152W...E. Datasheet HTML 3Page - Vishay Siliconix REC16LA4D152W...E. Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series REC 16 LA
www.vishay.com
Vishay Sfernice
Revision: 26-Mar-15
2
Document Number: 54018
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters, general tolerance ± 1 mm
MODEL
AB
C
D
E
F
G
DIMENSIONS
16 LA
18
25.2
24
18
1.3
17.8
16.3
ELECTRICAL CONNECTIONS
TET = Theoretical electrical travel
AET = Actual electrical travel
MOUNTING IN ACTUATOR
Ø A
55 MAX.
O. RING
Ø 20
Ø A
+ 0
- 0.2
- 0.2
18
17
7
CONNECTOR
Ø 36
Ø 24 - 0.05
53
L = TET + 77
AET = TET + 6
3
8.5
MT = TET
+ 0
+ 0
+ 0.2
- 0.2
Ø B
+ 0.2
- 0
E
+ 0.1
- 0
G
+ 0.1
- 0.1
F
+ 1
- 0
Ø D
+ 0.4
+ 0.1
Ø D
+ 0.6
+ 0.1
Ø C
PIN 3 OR GREEN WIRE: +
PIN 2 OR RED WIRE: WIPER
PIN 1 OR YELLOW WIRE: -
TET
AET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com