Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC50L3D103W...E1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # REC50L3D103W...E1
Description  Precision Linear Transducers, Conductive Plastic, up to 300 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC50L3D103W...E1 Datasheet(HTML) 1 Page - Vishay Siliconix

  REC50L3D103W...E1 Datasheet HTML 1Page - Vishay Siliconix REC50L3D103W...E1 Datasheet HTML 2Page - Vishay Siliconix REC50L3D103W...E1 Datasheet HTML 3Page - Vishay Siliconix REC50L3D103W...E1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series REC 50 L
www.vishay.com
Vishay Sfernice
Revision: 17-Sep-12
1
Document Number: 54011
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Precision Linear Transducers, Conductive Plastic,
up to 300 mm
The 50 L is a compact, accurate and adaptable motion
transducer for both industrial and military markets.
FEATURES
• Measurement range 25 mm to 300 mm
• High accuracy ± 1 % down to ± 0.025 %
• Essentially infinite resolution
• Long life
• Sealed on request
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
QUICK REFERENCE DATA
Sensor type
LINEAR, conductive plastic
Output type
Wires
Market applianceProfessional
Dimensions
L x 12.7 mm dia. (with L = TET + 41 mm)
ELECTRICAL SPECIFICATIONS
Theoretical electrical travel (TET = E)
in increments of 25 mm
25 mm
300 mm
Independent linearity (over TET)
on request
 ± 1 % -  ± 0.1 %
 ± 0.05 % for E  100 mm
 ± 0.025 % for E  200 mm
Actual electrical travel (AET)
AET = E + 1 mm ± 0.5 mm
Ohmic values (RT)
400
/cm to 2 k/cm
Resistance tolerance at 20 °C
± 20 %
Repeatability
 0.01 %
Maximum power rating
0.05 W/cm at 70 °C, 0 W at 125 °C
Wiper current
Recommended: a few μA - 1 mA max. (continuous)
Load resistance
Minimum 103 x RT
Number of tracks
1; on request 2
Insulation resistance
 1000 M, 500 V
DC
Dielectric strength
 500 V
RMS, 50 Hz
MECHANICAL SPECIFICATIONS
Mechanical travel
TET + 2 mm min.
Housing
Anodized aluminum
Operating force
on request
0.35 N typical
(standard model)
2.50 N typical
(sealed model)
Shaft (free rotation)
Stainless steel
Termination
on request
3 wires PTFE AWG-30, L = 300 mm
cable or connector
Wiper
Precious metal multifinger
Sealing
IP65 on request
PERFORMANCE
Operating life
25 million cycles typical/1 Hz/T° = 20 °C ± 5 °C/80 % TET
Temperature range
- 55 °C to + 125 °C
Sine vibration on 3 axes
1.5 mm peak to peak or 15 g - 10 Hz - 2000 Hz
Mechanical shocks on 3 axes
50 g -11 ms - half sine


Similar Part No. - REC50L3D103W...E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC50L3D103W VISHAY-REC50L3D103W Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
More results

Similar Description - REC50L3D103W...E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
REC110L VISHAY-REC110L_15 Datasheet
415Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L Datasheet
262Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mm
26-Mar-15
REC139L VISHAY-REC139L_15 Datasheet
261Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mm
26-Mar-15
REC34L VISHAY-REC34L Datasheet
397Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC50L VISHAY-REC50L Datasheet
89Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 300 mm
17-Sep-12
REC110L VISHAY-REC110L_V01 Datasheet
412Kb / 5P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC115L VISHAY-REC115L_V01 Datasheet
115Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 1000 mms
18-Feb-2019
REC139L VISHAY-REC139L_V01 Datasheet
258Kb / 3P
Precision Linear Transducers, Conductive Plastic, up to 3000 mms
26-Mar-15
REC34L VISHAY-REC34L_V01 Datasheet
394Kb / 4P
Precision Linear Transducers, Conductive Plastic, up to 450 mm
26-Mar-15
REC38L VISHAY-REC38L_V01 Datasheet
71Kb / 3P
Precision Linear Transducers, Conductive Plastic, Up to 150 mm
19-Mar-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com