Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REC50L3D103W...E1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # REC50L3D103W...E1
Description  Precision Linear Transducers, Conductive Plastic, up to 300 mm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

REC50L3D103W...E1 Datasheet(HTML) 2 Page - Vishay Siliconix

  REC50L3D103W...E1 Datasheet HTML 1Page - Vishay Siliconix REC50L3D103W...E1 Datasheet HTML 2Page - Vishay Siliconix REC50L3D103W...E1 Datasheet HTML 3Page - Vishay Siliconix REC50L3D103W...E1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series REC 50 L
www.vishay.com
Vishay Sfernice
Revision: 17-Sep-12
2
Document Number: 54011
For technical questions, contact: sferprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD MODEL DIMENSIONS in millimeters, general tolerance ± 1 mm
ELECTRICAL CONNECTIONS
ACCESSORIES ON REQUEST - DIMENSIONS in millimeters, general tolerance ± 3 mm
Clamp for 50L
Vishay Reference: CQ00050
L = E + 41
Z = 7
Z = 7
0.5
0.5
25.4 ± 1
Ø 12.7 ± 0.25
50 L
Ø 3.175
- 0
- 0.025
Z = TIGHTENING ZONE
TET = THEORETICAL ELECTRICAL TRAVEL
AET = ACTUAL ELECTRICAL TRAVEL
MT
= MECHANICAL TRAVEL
TERMINALS
WIRE
CABLE
3 ALIM. (+):
GREEN
BLUE
2 WIPER:
RED
RED
1 ALIM. (-):
YELLOW WHITE
TET = E
AET
MT
Ø 9
Ø 4.5
26
11
6.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com