Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFPTL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TFPTL
Description  Radial Leaded PTC - Nickel Thin Film Linear Thermistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TFPTL Datasheet(HTML) 2 Page - Vishay Siliconix

  TFPTL Datasheet HTML 1Page - Vishay Siliconix TFPTL Datasheet HTML 2Page - Vishay Siliconix TFPTL Datasheet HTML 3Page - Vishay Siliconix TFPTL Datasheet HTML 4Page - Vishay Siliconix TFPTL Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TFPTL
www.vishay.com
Vishay
Revision: 25-Oct-11
2
Document Number: 33027
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Notes
• Bulk packed types have a standard lead length L = 25 mm minimum
• Thickness is defined as “T”
Note
• Zero power is considered as measuring power max. 1 % of rated power
P70
TFPTL DIMENSIONS in millimeters
SIZE L10
SIZE L15
L2
H5
L2
H5
Wbmax.
3.6
4.0
Hmax.
3.5
3.8
SHmax. (seating height)
5.0
6.2
5.2
6.5
d
0.5 ± 10 %
L
25 min.
F
2.5 ± 0.8
5.0 ± 0.8
2.5 ± 0.8
5.0 ± 0.8
Tmax.
2.2
2.4
H
SH
L
F
L2
H
SH
L
F
H5
Wb
T
Wb
Component outline for
lead spacing 5.0 mm ± 0.8 mm
(flat bent leads)
Component outline for
lead spacing 2.5 mm ± 0.8 mm
(straight leads)
d
102F
471J
- 75
- 50
- 25
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
80
100
90
110
Temperature in °C
Power Derating



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com