Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFPTL Datasheet (PDF) - Vishay Siliconix

TFPTL Datasheet PDF - Vishay Siliconix
Part # TFPTL
Download  TFPTL Download
File Size   495.76 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Radial Leaded PTC - Nickel Thin Film Linear Thermistors

TFPTL Datasheet (PDF)

Go To PDF Page Download Datasheet
TFPTL Datasheet PDF - Vishay Siliconix

Part # TFPTL
Download  TFPTL Click to download

File Size   495.76 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Radial Leaded PTC - Nickel Thin Film Linear Thermistors

TFPTL Datasheet (HTML) - Vishay Siliconix


TFPTL Product details

FEATURES
• Nickel thin film PTC element
• High stability over the entire temperature range
• cUL recognized component: File E148885
• Epoxy coated UL 94 V-0 approved
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912

APPLICATIONS
Temperature measurement, sensing, compensation, and
control in industrial and consumer applications. For
on-board or remote sensing.

MARKING
The thermistors are laser marked with value and tolerance
reference on an epoxy based coating.
(Example: 102F = 10 x 102 = 1000 Ω 1 %)

MOUNTING
By soldering or welding in any position.




Similar Part No. - TFPTL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
Nickel thin film PTC element
25-Oct-11
TFPTL10 VISHAY-TFPTL10 Datasheet
107Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
TFPTL10L1000FH5B VISHAY-TFPTL10L1000FH5B Datasheet
107Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
TFPTL10L1000FH5T VISHAY-TFPTL10L1000FH5T Datasheet
107Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
TFPTL10L1000FH5U VISHAY-TFPTL10L1000FH5U Datasheet
107Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
More results


Similar Description - TFPTL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
Radial Leaded PTC
logo
Vishay Siliconix
TFPTL10 VISHAY-TFPTL10 Datasheet
107Kb / 5P
Radial Leaded PTC - Nickel Thin Film Linear Thermistors
25-Oct-11
TFPT1206L1002JV VISHAY-TFPT1206L1002JV Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
TFPT0805L5001FY VISHAY-TFPT0805L5001FY Datasheet
88Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
22-Mar-11
TFPTL VISHAY-TFPTL Datasheet
497Kb / 5P
Nickel thin film PTC element
25-Oct-11
TFPT VISHAY-TFPT_17 Datasheet
103Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
30-Aug-16
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
Radial Leaded PTC
logo
Vishay Siliconix
TFPT VISHAY-TFPT_V01 Datasheet
118Kb / 5P
SMD PTC - Nickel Thin Film Linear Thermistors
14-Jan-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com