Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UIPMA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # UIPMA
Description  Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UIPMA Datasheet(HTML) 1 Page - Vishay Siliconix

  UIPMA Datasheet HTML 1Page - Vishay Siliconix UIPMA Datasheet HTML 2Page - Vishay Siliconix UIPMA Datasheet HTML 3Page - Vishay Siliconix UIPMA Datasheet HTML 4Page - Vishay Siliconix UIPMA Datasheet HTML 5Page - Vishay Siliconix UIPMA Datasheet HTML 6Page - Vishay Siliconix UIPMA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UIPMA, UIPMC
www.vishay.com
Vishay MCB
Revision: 20-Sep-2022
1
Document Number: 32537
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
LINKS TO ADDITIONAL RESOURCES
FEATURES
• Sealed IP66
• Infinite resolution
• High integration capacity
• Durability
• Rectilinear: UIPMA type
• Rotational: UIPMC type
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
(1) See “Specific UIPMA Characteristics” table
(2) Better accuracy on request
Note
• Nothing stated herein shall be construed as a guarantee of quality or durability
QUICK REFERENCE DATA
Sensor type
LINEAR or ROTATIONAL, conductive plastic
Output type
Output by connector
Market appliance
Industrial
Dimensions
4 mm (thickness max.)
333
DDD3 D
3D Models
Videos
Application
Notes
ELECTRICAL SPECIFICATIONS
PARAMETER
UIPMA
UIPMC
Total resistance (Rn)
4.7 k
Ω
10 k
Ω
Tolerance on Rn
± 30 %
Dissipation
≤ 0.1 W/cm of travel (1)
≤ 1 W to 70 °C
Theoretical electrical travel (TET)
20 mm to 250 mm (1)
312°
Tolerance on TET
± 1 mm
± 3°
Useful electrical travel (UET)
TET - 2 mm
306°
Electrical continuity travel (ECT)
TET + 4 mm
325°
Linearity
± 2 % (2)
± 5 %
Temperature coefficient
-300 ppm/°C ± 300 ppm/°C
Collector / track current (Ic)
≤ 1 mA
Recommended current Ic
≤ 100 μA
Recommended load impedance
≥ 100 Rn
Output smoothness
< 0.1 % (NFC 93 255)
MECHANICAL SPECIFICATIONS
PARAMETER
UIPMA
UIPMC
Design
Flexible insulating films
Flexible insulating films
Mechanical travel
Electrical continuity travel
Electrical continuity travel
Backlash
< 0.1 mm
< 0.3°
Mounting
With double-sided adhesive on flat, clean, and dry support
Speed displacement
≤ 1.5 m/s
Drive
Force
≥ 0.3 N
Torque
≥ 1 N cm
Protection class (NFC 20 010)
IP66 (electrical connection and plug excluded)
Maximum alignment fault
± 1 mm
-
PERFORMANCE
PARAMETER
UIPMA
UIPMC
Life
> 3M cycles (depending on chosen wiper)
Operating temperature range
-10 °C to +50 °C
Storage temperature range
-40 °C to +50 °C
Support
Flat, clean, and dry


Similar Part No. - UIPMA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UIPMA VISHAY-UIPMA Datasheet
288Kb / 7P
Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
22-Jan-18
UIPMA050I472XCB VISHAY-UIPMA050I472XCB Datasheet
288Kb / 7P
Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
22-Jan-18
More results

Similar Description - UIPMA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7312S-1K-XXXX-C-SW1 ETC1-7312S-1K-XXXX-C-SW1 Datasheet
75Kb / 2P
Industrial Potentiometer
logo
Vishay Siliconix
PRV4 VISHAY-PRV4 Datasheet
140Kb / 4P
Industrial Potentiometer
21-Sep-06
logo
All Sensors Corporation
CPM502 ASC-CPM502 Datasheet
502Kb / 2P
Piezoresistive ceramic pressure sensor with flush membrane
logo
Vishay Siliconix
KITPL VISHAY-KITPL Datasheet
148Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPR VISHAY-KITPR Datasheet
256Kb / 11P
Kit Potentiometer Rotational Analog Displacement Sensor
27-Apr-17
UIPMA VISHAY-UIPMA Datasheet
288Kb / 7P
Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
22-Jan-18
PRV4 VISHAY-PRV4_17 Datasheet
107Kb / 5P
Industrial Potentiometer
04-Jul-17
KITPL VISHAY-KITPL_V01 Datasheet
145Kb / 7P
Kit Potentiometer Linear Analog Displacement Sensor
10-Mar-17
KITPR VISHAY-KITPR_V01 Datasheet
290Kb / 12P
Kit Potentiometer Rotational Analog Displacement Sensor
21-Nov-2019
PRV4 VISHAY-PRV4_V01 Datasheet
94Kb / 5P
Industrial Potentiometer
21-Nov-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com