Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UIPMA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UIPMA
Description  Displacement Sensor, Ultraflat Industrial Potentiometer Membrane
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UIPMA Datasheet(HTML) 2 Page - Vishay Siliconix

  UIPMA Datasheet HTML 1Page - Vishay Siliconix UIPMA Datasheet HTML 2Page - Vishay Siliconix UIPMA Datasheet HTML 3Page - Vishay Siliconix UIPMA Datasheet HTML 4Page - Vishay Siliconix UIPMA Datasheet HTML 5Page - Vishay Siliconix UIPMA Datasheet HTML 6Page - Vishay Siliconix UIPMA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UIPMA, UIPMC
www.vishay.com
Vishay MCB
Revision: 20-Sep-2022
2
Document Number: 32537
For technical questions, contact: mcbprecisionpot@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Tolerancing according to ISO 8015
• General tolerances according to ISO 2768 - mK
(1) Ground and Usupply can be swapped to change the slope sign
SAP PART NUMBERING GUIDELINES - UIPM
MODEL
TYPE
UIPMA: THEORETICAL ELECTRICAL TRAVEL (mm)
UIPMC: EXTERNAL DIAMETER (mm)
TYPE
VALUE
LINEARITY
LEADS
PACKAGING
UIPM
A = linear
050
100
150
200
250
I =
industrial
472 = 4K7
X = ± 2 %
C =
connector
B = bulk
UIPM
C =
rotational
030
I =
industrial
103 = 10K
U
C =
connector
B = bulk
ACCESSORY WIPER
Wiper type A
ACCSUIPMWIPERKB434
Wiper type B
ACCSUFPMWIPERKB422
Wiper type D
ACCSUIPMWIPERKB435 (packaging 10 pcs)
ACCSUIPMWIPERKG435 (packaging 100 pcs)
CONNECTIONS
Connector Berg Duflex 67.013.003, contacts 76.785.301
The connector of UIPMA / UIPMC is intended for use with Berg terminal ref. 76785-YXX and Berg headers ref. 76384-YXX or 76382-YXX
DIMENSIONS in millimeters
TET (mm)
FLAT FLEX CABLE (mm)
50
100
100
50
150
100
200
100
250
50
TET + 14 ±1
6.5 ± 1
Flat flex cable
Connector Berg
Duflex 67013-003LF
Contacts 76785-301LF
Active area with adhesive
Bottom
Top
TET + flat flex cable + 14
TET + 11
7 ± 1
Identification area: VISHAY - part number - date code
Part number: UIPMAxxxI472XCB
Date code: YYYYWW
(YYYY: the year of manufacture with 4 digits,
WW: week number with 2 digits)
8 x R2 ± 1
B
C
Electrical Continuity Travel:
ECT (TET + 4)
Theoretical Electrical Travel
(TET)
Useful Electrical Travel:
UET (TET - 2)
10 ± 1
1.75 ± 0.5
Bottom
Top
Warning:
do not bend the active area
Active area
Ground (pin 1)
Collector (pin 2)
Wiper
U
supply (pin 3)
Equipotential
voltage areas
Schematic (1)
UIPMA
Stuck on the customer interface
A
0.51 ± 0.1 total thickness without protection layer



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com