Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGF200U60D4 Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTGF200U60D4
Description  Single switch NPT IGBT Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF200U60D4 Datasheet(HTML) 4 Page - Advanced Power Technology

  APTGF200U60D4 Datasheet HTML 1Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 2Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 3Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 4Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APTGF200U60D4
APT website – http://www.advancedpower.com
4 - 5
Typical Performance Curve
Output Characteristics (VGE=15V)
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
350
400
0
0.511.522.533.5
VCE (V)
Output Characteristics
VGE=15V
VGE=12V
VGE=20V
VGE=9V
0
50
100
150
200
250
300
350
400
0
12345
VCE (V)
TJ = 125°C
Transfert Characteristics
TJ=25°C
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
350
400
5
678
9
10
11
12
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
Er
0
2.5
5
7.5
10
12.5
15
0
50 100 150 200 250 300 350 400
IC (A)
VCE = 300V
VGE = 15V
RG = 1.5Ω
TJ = 125°C
Eon
Eoff
Er
0
4
8
12
16
02
468
10
12
Gate Resistance (ohms)
VCE = 300V
VGE =15V
IC = 200A
TJ = 125°C
Switching Energy Losses vs Gate Resistance
Reverse Safe Operating Area
0
100
200
300
400
500
0
100
200
300
400
500
600
VCE (V)
VGE=15V
TJ=125°C
RG=1.5Ω
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
IGBT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com