Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTGF200U60D4 Datasheet(PDF) 5 Page - Advanced Power Technology

Part # APTGF200U60D4
Description  Single switch NPT IGBT Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTGF200U60D4 Datasheet(HTML) 5 Page - Advanced Power Technology

  APTGF200U60D4 Datasheet HTML 1Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 2Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 3Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 4Page - Advanced Power Technology APTGF200U60D4 Datasheet HTML 5Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGF200U60D4
APT website – http://www.advancedpower.com
5 - 5
hard
switching
ZCS
ZVS
0
20
40
60
80
100
0
50
100
150
200
250
300
IC (A)
VCE=300V
D=50%
RG=1.5Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
Forward Characteristic of diode
TJ=25°C
TJ=125°C
0
50
100
150
200
250
300
350
400
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
VF (V)
maximum Effective Transient Thermal Impedance, Junction to Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
APT reserves the right to change, without notice, the specifications and information contained herein
APT's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522
5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com