Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP075SC Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # TSP075SC
Description  SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSP075SC Datasheet(HTML) 1 Page - Pan Jit International Inc.

  TSP075SC Datasheet HTML 1Page - Pan Jit International Inc. TSP075SC Datasheet HTML 2Page - Pan Jit International Inc. TSP075SC Datasheet HTML 3Page - Pan Jit International Inc. TSP075SC Datasheet HTML 4Page - Pan Jit International Inc. TSP075SC Datasheet HTML 5Page - Pan Jit International Inc. TSP075SC Datasheet HTML 6Page - Pan Jit International Inc. TSP075SC Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PAGE 1
Ver: June 2001
TSP058SC - TSP320SC
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
FEATURES
• Protects by limiting voltages and shunting surge currents away from sensitive circuits
• Designed for telecommunications applications such as line cards, modems, PBX, FAX,
LAN,VHDSL
• Helps meet standards such as GR1089, ITU K.20, IEC950, UL1459&50, FCC part 68
• Low capacitance, High surge (A, B, C rating available), precise voltage limiting, Long life
SUMMARY ELECTRICAL CHARACTERISTICS
SMB/DO-214AA
r
e
b
m
u
N
t
r
a
P
e
v
i
t
i
t
e
p
e
R
d
e
t
a
R
e
t
a
t
S
-
f
f
O
k
a
e
P
e
g
a
t
l
o
V
r
e
v
o
k
a
e
r
B
e
g
a
t
l
o
V
e
t
a
t
S
-
n
O
e
g
a
t
l
o
V
e
v
i
t
i
t
e
p
e
R
e
t
a
t
S
-
f
f
O
k
a
e
P
t
n
e
r
r
u
C
r
e
v
o
k
a
e
r
B
t
n
e
r
r
u
C
g
n
i
d
l
o
H
t
e
n
r
r
u
C
e
c
n
a
t
i
c
a
p
a
C
e
t
a
t
S
-
f
f
O
V
m
5
1
=
c
a
V
,
z
H
M
1
=
f
(
RMS
)
.
x
a
M
.
x
a
M
.
x
a
M
.
x
a
M
.
x
a
M
.
n
i
M
.
p
y
T
.
x
a
M
.
p
y
T
.
x
a
M
VDRM
VBO
I
@ BO
VT
A
1
@
I DRM
I BO
I H
CO
V
0
@
c
d
CO
V
0
5
@
c
d
V
V
V
µA
A
m
A
m
F
p
F
p
C
S
8
5
0
P
S
T
8
5
7
7
5
5
0
0
8
0
5
1
5
8
5
0
1
5
3
3
4
C
S
5
6
0
P
S
T5
68
85
5
0
0
80
5
10
81
0
14
30
4
C
S
5
7
0
P
S
T
5
7
8
9
5
5
0
0
8
0
5
1
8
7
5
9
0
3
7
3
C
S
0
9
0
P
S
T0
90
3
15
5
0
0
80
5
10
70
83
24
3
C
S
0
2
1
P
S
T
0
2
1
0
6
1
5
5
0
0
8
0
5
1
3
6
9
7
0
2
9
2
C
S
0
4
1
P
S
T0
4
10
8
15
5
0
0
80
5
11
68
79
18
2
C
S
0
6
1
P
S
T
0
6
1
0
2
2
5
5
0
0
8
0
5
1
8
5
5
7
9
1
7
2
C
S
0
9
1
P
S
T0
9
10
6
255
0
0
80
5
17
51
79
16
2
C
S
0
2
2
P
S
T
0
2
2
0
0
3
5
5
0
0
8
0
5
1
7
5
1
7
8
1
6
2
C
S
5
7
2
P
S
T5
7
20
5
355
0
0
80
5
16
50
78
15
2
C
S
0
2
3
P
S
T
0
2
3
0
0
4
5
5
0
0
8
0
5
1
6
5
0
7
7
1
4
2
s
e
t
o
N)
3
,
1
()
6
,
5
,
3
()
3
()
3
()
3
()
3
,
2
()
3
()
3
()
3
()
3
(
NOTES:
1. Specific VDRM values are available by request.
2. Specific IH values are available by request.
3. All ratings and characteristics are at 25 °C unless otherwise specified.
4. VDRM applies for the life of the device. IDRM will be in spec during and following operation of the device.
5. VBO1 is at 100V/msec, ISC =10Apk, VOC=1KVpk, 10/1000 Waveform
6. VBO2 is at f = 60 Hz, ISC = 1 A(RMS), Vac = 1KV(RMS), RL = 1 K
Ω, 1/2 AC cycle


Similar Part No. - TSP075SC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP075SA PANJIT-TSP075SA Datasheet
109Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP075SB PANJIT-TSP075SB Datasheet
109Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
More results

Similar Description - TSP075SC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TSP058A PANJIT-TSP058A Datasheet
87Kb / 6P
AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058B PANJIT-TSP058B Datasheet
117Kb / 7P
AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058C PANJIT-TSP058C Datasheet
116Kb / 7P
AXIAL LEAD BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SA PANJIT-TSP058SA Datasheet
109Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
TSP058SB PANJIT-TSP058SB Datasheet
109Kb / 7P
SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
logo
Diodes Incorporated
TB0640H DIODES-TB0640H Datasheet
184Kb / 4P
100A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30360 Rev. 3 - 2
TB0640L DIODES-TB0640L Datasheet
190Kb / 4P
30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 2 - 1
TB0640M DIODES-TB0640M Datasheet
187Kb / 4P
50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 2 - 1
TB0640L DIODES-TB0640L_1 Datasheet
79Kb / 4P
30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30359 Rev. 6 - 2
TB0640M DIODES-TB0640M_1 Datasheet
76Kb / 4P
50A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
DS30361 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com