Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSP075SC Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # TSP075SC
Description  SURFACE MOUNT BI-DIRECTIONAL THYRISTOR SURGE PROTECTOR DEVICE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TSP075SC Datasheet(HTML) 3 Page - Pan Jit International Inc.

  TSP075SC Datasheet HTML 1Page - Pan Jit International Inc. TSP075SC Datasheet HTML 2Page - Pan Jit International Inc. TSP075SC Datasheet HTML 3Page - Pan Jit International Inc. TSP075SC Datasheet HTML 4Page - Pan Jit International Inc. TSP075SC Datasheet HTML 5Page - Pan Jit International Inc. TSP075SC Datasheet HTML 6Page - Pan Jit International Inc. TSP075SC Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAGE 3
Ver: June 2001
TSP058SC - TSP320SC
g
n
i
t
a
R
l
o
b
m
y
S
e
u
l
a
V
t
i
n
U
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
e
g
a
r
o
t
S
TSTG
0
5
1
o
t
0
5
-
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OTJ
0
5
1
o
t
0
4
-
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
i
t
a
r
e
p
O
Ta
5
6
o
t
0
4
-
OC
Notes:
PCB board mounted on minimum foot print.
MAXIMUM THERMAL RATINGS
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
o
b
m
y
S
e
u
l
a
V
t
i
n
U
T
s
d
a
e
L
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
L
o
t
t
n
e
c
a
j
d
a
b
a
t
n
o
.
s
e
z
i
s
d
a
p
l
a
c
i
t
n
e
d
i
o
t
d
e
r
e
d
l
o
s
s
d
a
e
l
h
t
o
B
.
c
i
t
s
a
l
p
R
θ L
J
0
2
.
x
a
M
O
W
/
C
THERMAL CHARACTERISTICS
Notes:
The junction to lead thermal resistance represents a minimum limiting value with both leads soldered to a large near-infinite heatsink. The
junction to ambient thermal resistance depends strongly on board mounting conditions and typically is 3 to 6 times higher than the junction
to lead resistance. The data shown is to be used as guideline values for preliminary engineering.
ELECTRICAL CHARACTERISTICS (TC = 25°C UNLESS OTHERWISE NOTED)
s
r
e
t
e
m
a
r
a
P
s
n
o
i
t
i
d
n
o
C
t
s
e
T
l
o
b
m
y
S
.
n
i
M
.
x
a
M
t
i
n
U
k
a
e
P
e
v
i
t
i
t
e
p
e
R
t
n
e
r
r
u
C
e
t
a
t
S
-
f
f
O
VD
V
d
e
t
a
r
=
DRM
I DRM
5
µA
t
n
e
r
r
u
C
r
e
v
o
k
a
e
r
B
I
,
z
H
0
6
=
f
SC
V
,
s
m
r
A
1
=
c
a
R
,
s
m
r
V
K
1
=
L
K
1
=
Ω
e
l
c
y
c
C
A
2
/
1
,
I O
B
0
0
8
A
m
1
t
n
e
r
r
u
C
g
n
i
d
l
o
H0
0
0
1
/
0
1
µ
I
,
m
r
o
f
e
v
a
w
s
C
S
V
,
A
0
1
=
C
O
R
,
V
2
6
=
L
0
0
4
=
Ω
I H
0
5
1A
m
e
g
a
t
l
o
V
e
t
a
t
S
-
n
O
I T
0
0
3
=
w
T
,
A
1
=
µ
e
s
l
u
p
1
,
s
VT
5
V
Notes:
Specific I
H values are available by request.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com