Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM10TAM09FP Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APTM10TAM09FP
Description  Triple phase leg MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM10TAM09FP Datasheet(HTML) 1 Page - Advanced Power Technology

  APTM10TAM09FP Datasheet HTML 1Page - Advanced Power Technology APTM10TAM09FP Datasheet HTML 2Page - Advanced Power Technology APTM10TAM09FP Datasheet HTML 3Page - Advanced Power Technology APTM10TAM09FP Datasheet HTML 4Page - Advanced Power Technology APTM10TAM09FP Datasheet HTML 5Page - Advanced Power Technology APTM10TAM09FP Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTM10TAM09FP
APT website – http://www.advancedpower.com
1 – 6
W
VBUS1
VBUS2
VBUS3
0/VBUS3
V
G5
G6
S5
S6
0/VBUS1
S2
G2
G1
S1
0/VBUS2
U
S3
S4
G3
G4
S5
G5
G6
S6
VBUS 2
0/VBUS 3
VBUS 3
0/VBUS 2
W
V
G4
S4
G3
S3
VBUS 1
0/VBUS 1
S1
G1
S2
G2
U
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handing Procedures Should Be Followed.
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
100
V
Tc = 25°C
139
ID
Continuous Drain Current
Tc = 80°C
100
IDM
Pulsed Drain current
430
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
9
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
390
W
IAR
Avalanche current (repetitive and non repetitive)
100
A
EAR
Repetitive Avalanche Energy
50
EAS
Single Pulse Avalanche Energy
3000
mJ
VDSS = 100V
RDSon = 09mΩ max @ Tj = 25°C
ID = 139A @ Tc = 25°C
Application
•
Welding converters
•
Switched Mode Power Supplies
•
Uninterruptible Power Supplies
•
Motor control
Features
•
Power MOS V® FREDFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic diode
-
Avalanche energy rated
-
Very rugged
•
Kelvin source for easy drive
•
Very low stray inductance
-
Symmetrical design
-
Lead frames for power connections
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Very low (12mm) profile
•
Each leg can be easily paralleled to achieve a phase
leg of three times the current capability
•
Module can be configured as a three phase bridge
•
Module can be configured as a boost followed by a
full bridge
Triple phase leg
MOSFET Power Module


Similar Part No. - APTM10TAM09FP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTM10TAM09FPG MICROSEMI-APTM10TAM09FPG Datasheet
286Kb / 6P
Triple phase leg MOSFET Power Module
More results

Similar Description - APTM10TAM09FP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM08TAM04P ADPOW-APTM08TAM04P Datasheet
309Kb / 6P
Triple phase leg MOSFET Power Module
APTM10TAM19FP ADPOW-APTM10TAM19FP Datasheet
312Kb / 6P
Triple phase leg MOSFET Power Module
APTM50TAM65FP ADPOW-APTM50TAM65FP Datasheet
317Kb / 6P
Triple phase leg MOSFET Power Module
APTM100TA35FP ADPOW-APTM100TA35FP Datasheet
316Kb / 6P
Triple phase leg MOSFET Power Module
APTM120TA57FP ADPOW-APTM120TA57FP Datasheet
316Kb / 6P
Triple phase leg MOSFET Power Module
logo
Microsemi Corporation
APTM08TAM04PG MICROSEMI-APTM08TAM04PG Datasheet
285Kb / 7P
Triple phase leg MOSFET Power Module
APTM10TAM09FPG MICROSEMI-APTM10TAM09FPG Datasheet
286Kb / 6P
Triple phase leg MOSFET Power Module
APTM10TAM19FPG MICROSEMI-APTM10TAM19FPG Datasheet
287Kb / 6P
Triple phase leg MOSFET Power Module
APTM20TAM16FPG MICROSEMI-APTM20TAM16FPG Datasheet
292Kb / 6P
Triple phase leg MOSFET Power Module
APTM50TAM65FPG MICROSEMI-APTM50TAM65FPG Datasheet
293Kb / 6P
Triple phase leg MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com