Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APTM10TAM09FP Datasheet(PDF) 4 Page - Advanced Power Technology

Part # APTM10TAM09FP
Description  Triple phase leg MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APTM10TAM09FP Datasheet(HTML) 4 Page - Advanced Power Technology

  APTM10TAM09FP Datasheet HTML 1Page - Advanced Power Technology APTM10TAM09FP Datasheet HTML 2Page - Advanced Power Technology APTM10TAM09FP Datasheet HTML 3Page - Advanced Power Technology APTM10TAM09FP Datasheet HTML 4Page - Advanced Power Technology APTM10TAM09FP Datasheet HTML 5Page - Advanced Power Technology APTM10TAM09FP Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
APTM10TAM09FP
APT website – http://www.advancedpower.com
4 – 6
Typical Performance Curve
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
6V
7V
8V
0
50
100
150
200
250
300
350
400
0
4
8
12
16
20
24
28
VDS, Drain to Source Voltage (V)
Low Voltage Output Characteristics
VGS=15V, 10V & 9V
Transfert Characteristics
TJ=-55°C
TJ=25°C
TJ=125°C
0
20
40
60
80
100
120
01
2345
67
VGS, Gate to Source Voltage (V)
VDS > ID(on)xRDS(on)MAX
250µs pulse test @ < 0.5 duty cycle
RDS(on) vs Drain Current
VGS=10V
VGS=20V
0.8
0.9
1
1.1
1.2
0
40
80
120
160
200
240
ID, Drain Current (A)
Normalized to
VGS=10V @ 69.5A
0
20
40
60
80
100
120
140
160
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com