Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 1 Page - GHz Technology

Part # 3003
Description  3 Watts - 28 Volts, Class C Microwave 3000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GHZTECH [GHz Technology]
Direct Link  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

3003 Datasheet(HTML) 1 Page - GHz Technology

  3003 Datasheet HTML 1Page - GHz Technology 3003 Datasheet HTML 2Page - GHz Technology 3003 Datasheet HTML 3Page - GHz Technology 3003 Datasheet HTML 4Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
3003
3 Watts - 28 Volts, Class C
Microwave 3000 MHz
GENERAL DESCRIPTION
The 3003 is a COMMON BASE transistor capable of providing 3 Watts Class
C, RF output power at 3000 MHz. Gold metalization and diffused ballasting
are used to provide high reliability and supreme ruggedness. The transistor
uses a fully hermetic High Temperature Solder Sealed package.
CASE OUTLINE
55BT-1, STYLE 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
10 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
50 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
0.6 A
Maximum Temperatures
Storage Temperature
- 65 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
η
c
VSWR
1
Power Out
Power Input
Power Gain
Collector Efficiency
Load Mismatch Tolerance
F = 3.0 GHz
Vcb = 28 Volts
Po = 3 Watts
As Above
F = 3 GHz, Po = 3 W
3.0
6.0
30
0.75
30:1
Watt
Watt
dB
%
BVces
BVebo
Icbo
h
FE
Cob
θjc
Collector to Emitter Breakdown
Emitter to Base Breakdown
Collector to Base Current
Current Gain
Output Capacitance
Thermal Resistance
Ic = 30 mA
Ie = 3 mA
Vcb = 28 Volts
Vce = 5 V, Ic = 300 mA
F =1.0 MHz, Vcb = 28 V
50
3.5
10
7.0
1.5
17
Volts
Volts
mA
pF
C/W
o
Issue August 1996


Similar Part No. - 3003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3003 MOLEX-3003 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
NXP Semiconductors
3003 NXP-3003 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
List of Unclassifed Man...
3003 ETC2-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
B&K Precision Corporati...
3003 BK-3003 Datasheet
493Kb / 1P
10 MHz Sine/Square Wave Generator
logo
Heyco.
3003 HEYCO-3003 Datasheet
113Kb / 1P
Shorty Universal Bushings
More results

Similar Description - 3003

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
1014-6A ADPOW-1014-6A Datasheet
163Kb / 1P
6 Watts, 28 Volts, Class C Microwave 1000 - 1400 MHz
logo
GHz Technology
1618-35 GHZTECH-1618-35 Datasheet
292Kb / 3P
35 Watt - 28 Volts, Class C Microwave 1600 - 1800 MHz
2001 GHZTECH-2001 Datasheet
208Kb / 4P
1.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2005 GHZTECH-2005 Datasheet
166Kb / 3P
5.0 Watt - 28 Volts, Class C Microwave 2000 MHz
2010 GHZTECH-2010 Datasheet
277Kb / 3P
10 Watt - 28 Volts, Class C Microwave 2000 MHz
2304 GHZTECH-2304 Datasheet
218Kb / 4P
4.0 Watts - 20 Volts, Class C Microwave 2300 MHz
3005 GHZTECH-3005 Datasheet
337Kb / 3P
5 Watts - 28 Volts, Class C Microwave 3000 MHz
2307 GHZTECH-2307 Datasheet
271Kb / 4P
7.0 Watts - 20 Volts, Class C Microwave 2300 MHz
3001 GHZTECH-3001 Datasheet
213Kb / 4P
1 Watt - 28 Volts, Class C Microwave 3000 MHz
logo
Microsemi Corporation
1014-6A MICROSEMI-1014-6A Datasheet
205Kb / 3P
6 Watts - 28 Volts, Class C Microwave 1000 - 1400 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com