Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-321W-TGL Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-321W-TGL
Description  21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-321W-TGL Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-321W-TGL Datasheet HTML 1Page - Advantech Co., Ltd. PPC-321W-TGL Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
I/O View
Ordering Information
Part Number
Description
PPC-321W-PB50A
21.5" FHD PPC w/Intel Core i5-1145G7E, Projected
Capacitive Multi-touch, assembled in China
PPC-321W-PB50AU
21.5" FHD PPC w/Intel Core i5-1145G7E, Projected
Capacitive Multi-touch, assembled in Taiwan
PPC-321W-PB30A
21.5" FHD PPC w/Intel Core i3-1115G7E, Projected
Capacitive Multi-touch, assembled in China
PPC-321W-PB70A
21.5" FHD PPC w/Intel Core i7-1185G7E, Projected
Capacitive Multi-touch, assembled in China
96PSA-A150W19P2-3
ADP A/D 100-240V 150W 19V C14 TERMINAL BLOCK
2P
PPC-WLAN-C1E
M.2 Wi-Fi Module with Antenna cable support 2T2R
PPC-ARM-A03
ARM VESA Standard (A-CLEVER) for PPC series
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-Stand-A1E
Stand for PPC series
1700001524
Power cord 3P UL 10A 125V 1.8M
170203183C
Power cord 3P Europe (WS-010+083) 183cm
1700008921
Power cord 3P/3P 1.8M PSE
96CB-POWER-B-1.8MB
Power code 3P CCC(China) 1.8M
98R3P300010
PPC-300 RFID Read only 13.56MHz&125k
Dimensions
Unit: mm
Panel Cutout Dimensions: 550.3 x 341.8 mm (21.66 x 13.45 in)
PPC-321W TGL
A. COM2: 1 x RS-232/422/485
B. 1 x Line out
C. 2 x LAN
D. 1 x HDMI 1.4
E. 1 x USB 2.0, 1 x USB 3.2
F. 2 x USB 3.2
G. 1 x Type C (USB only)
H. COM1: RS-232
I. DC In
J. Power Button
558.40
7.55
100
548.77
30.75
62.25
A
B C D E F G H I



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com