Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-321W-TGL Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-321W-TGL
Description  21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-321W-TGL Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-321W-TGL Datasheet HTML 1Page - Advantech Co., Ltd. PPC-321W-TGL Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
PPC-321W TGL 21.5"FanlessPanelPCwith
Intel® Core™ i7/i5/i3 Processor
ƒ
Industrial-grade 21.5" LCD panel with 50k backlight lifetime
ƒ
True-flat touchscreen with multi-touch projected capacitive control
ƒ
High-performance, fanless 11th generation Intel® Core™ i processor
ƒ
Dual channel memory slots, max 64G
ƒ
Compact, fanless design with aluminum alloy enclosure
ƒ
IP66-rated front panel
ƒ
Supports dual displays (1 x external HDMI)
ƒ
1 x M.2 bay (2242/2280 NVME or SATA Interface) for storage and support
SATA RAID 0, 1
ƒ
1 x 2500BASE-T Ethernet Supports Time-Sensitive Network(TSN) technology
ƒ
Supports VESA 100
ƒ
Support TPM2.0 hardware security
ƒ
Supports Type C (USB Only)
Introduction
PPC-321w TGL is an 21.5" Fanless Panel PC equipped Intel 11th Gen Core i7/i5/i3, providing high computing performance with robust aluminum alloy enclosure. It also leverages
M.2 M key NVMe PCIe to accommodate extremely high date rate and low latency advantage. PPC-321w TGL features 3 x USB 3.2, 2 x series ports and 1 x HDMI for flexible access
and connection. The PPC-321w TGL is an excellent solution to enable quick date capture, processing and data digitalization in various industrial applications.
Specifications
System
CPU
i3-1115G4E
i5-1145G7E
i7-1185G7E
Cores
Dual Core
Quad Core
Quad Core
Frequency
2.2GHz; 3.90GHz with turbo boost
1.5GHz; 4.10GHz with turbo boost
1.8GHz; 4.40GHz with turbo boost
Cache
6 MB
8 MB
12 MB
TDP
15W
15W
15W
Memory
2 x SO-DIMM DDR4 3200MHz (max. 32GB x 2)
Storage
1 x 2.5" SATA bay
1 x M.2 2280 M-Key bay (Co-lay SATA, for storage only)
Network (LAN)
1 x Intel I219LM controller; Speed: 10M / 100M / 1000M
1 x Intel I225LM controller; Speed: 10M / 100M / 1000M / 2500M
I/O
2 x Serial ports: 1 x RS-232, 1 x RS-232/422/485(Adjustable through BIOS)
3 x USB 3.2, 1 x USB 2.0, 2 x USB 2.0 (internal), 1 x Type C (USB only)
1 x HDMI1.4
1 x TPM 2.0
Speaker
2 x 1W
Expansion
1 x M.2 2230 E-key for wireless card
Watchdog Timer
255 timer levels, set up by software
Physical
Characteristics
Dimensions
558.4 x 349.8 x 62.2 mm (21.9 x 13.7 x 2.4 in)
Weight
6.6 kg (14.6 lb)
OS Support
OS Support
Microsoft® Windows 10(64-bit), Windows 10 IOT LTSC, Linux
Power Consumption
Input Voltage
12 ~ 30 VDC
Power Consumption
56W (Burn-in test in Windows 10 64-bit)
LCD
Display Type
21.5" TFT LCD (LED backlight)
Resolution
1920 x 1080
Viewing Angle
89 (left), 89 (right), 89 (up), 89 (down)
Luminance (cd/m2)
250
Contrast Ratio
1000
Backlight Lifetime
50,000 hr
Touchscreen
Touch Type
10-point multi-touch projected capacitive
Light Transmission
90 % ± 3 %
Controller
USB interface
Environment
Operating Temperature
-10 ~ 50 °C (-4 ~ 122 °F)
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (non-condensing)
Shock
Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27
Vibration
Operating Random Vibration Test 5 ~ 500Hz, 2Grms @with SSD, follow IEC 60068-2-64
EMC
CE, FCC Class B, BSMI, VCCI, UKCA
Safety
CB, UL, CCC, BSMI, UKCA
Front Panel Protection
IP66 compliant
All product specifications are subject to change without notice.
Last updated: 5-Sep-2022


Similar Part No. - PPC-321W-TGL

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-321W-EHL ADVANTECH-PPC-321W-EHL Datasheet
434Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-321W-PJ60A ADVANTECH-PPC-321W-PJ60A Datasheet
434Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-321W-PJ60AU ADVANTECH-PPC-321W-PJ60AU Datasheet
434Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
More results

Similar Description - PPC-321W-TGL

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-4211W ADVANTECH-PPC-4211W_15 Datasheet
518Kb / 2P
21.5" Fanless Wide Screen Panel PC with Intel Core i5 Celeron Processor
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
PPC-315W-TGL ADVANTECH-PPC-315W-TGL Datasheet
619Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-412 ADVANTECH-PPC-412 Datasheet
443Kb / 2P
12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-415-TGL ADVANTECH-PPC-415-TGL Datasheet
507Kb / 2P
15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3211W ADVANTECH-PPC-3211W Datasheet
389Kb / 2P
21.5 Fanless Widescreen Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
logo
BCM Advanced Research.
APC-2132 BCM-APC-2132 Datasheet
531Kb / 2P
21.5” 6th Gen Intel® Core™ Processor i7/i5/i3/Celeron Expandable Ultra light Multi-Touch Fanless Panel PC
2021/09/15
logo
AAEON Technology
BOXER-6646-ADP AAEON-BOXER-6646-ADP Datasheet
1Mb / 2P
Fanless Compact Embedded Computer with 12 Generation Intel® Core™ i7/i5/i3 Processor
2022/12/12
logo
BCM Advanced Research.
EMS-TGL BCM-EMS-TGL Datasheet
788Kb / 1P
11th Gen Intel® Core™ Processor i7/i5/i3 Fanless Rugged Embedded System
02/08/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com