Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-412-R750A Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # PPC-412-R750A
Description  12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-412-R750A Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  PPC-412-R750A Datasheet HTML 1Page - Advantech Co., Ltd. PPC-412-R750A Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Please note: If some optional modules are offered with the system, additional system certificates may be required in certain regions/countries.
Please contact Advantech for certificate compliance.
PPC-412
Dimensions
Unit: mm
I/O View
A. 1 x RS-232
B. 4 x USB3.0
C. 1 x Mic-In/Line-Out
D. 2 x Intel Gigabit Ethernet
E. 1 x VGA
F. 1 x DisplayPort
G. 2 x RS-232
H. 1 x Isolated RS-422/485
I. 1 x DC inlet and AT/ATX switch
J. 1 x Power button
Ordering Information
Part Number
Description
PPC-412-R750A
Intel Core i5-7300U Fanless PPC with 12.1" LED
panel, Res. T/S, assembled in China
PPC-412-R750AU
Intel Core i5-7300U Fanless PPC with 12.1" LED
panel, Res. T/S, assembled Taiwan
96PSA-A90W19OT-3
A/D 100-240V 90W 19V C6 TERMINAL 2 PIN 62368
1700001524
POWER Cord 3P UL 10A 125V 180cm
170203183C
POWER Code 3P Europe (WS-010+083)183cm
1700008921
POWER CORD 3P/3P POWER SUPPLY 1.8M PSE
96CB-POWER-B-1.8MB
Power code 3P CCC(China) 1.8M
PPC-174T-WL-MTE
Wall mount kit for PPC series
PPC-STAND-A1E
Stand for PPC series
PPC-ARM-A03
ARM VESA Standard (A-CLEVER) for PPC series
PPC-WLAN-C1E
M.2 Wi-Fi Module with Antenna cable support 2T2R
98R3P321110
TPM 2.0 module
Cut-Out Dimension: 311 x 240 mm
A
C
G
B
D
F
H
E
I J
317.00
75.00
1.03
309.40



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com