Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC-412-R750A Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # PPC-412-R750A
Description  12.1 Fanless Panel PC with Intel® Core™ i5-7300U Processor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

PPC-412-R750A Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  PPC-412-R750A Datasheet HTML 1Page - Advantech Co., Ltd. PPC-412-R750A Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Panel PCs
Features
PPC-412
ƒ
12.1" XGA TFT LCD with resistive touchscreen
ƒ
Intel® Core™ i5-7300U(default); i7-7600U/i3-7100U(optional) processor
with fanless system design
ƒ
1 x isolated RS-422/485 with auto flow
ƒ
Wide input power range (9 ~ 32 VDC)
ƒ
Dual Gigabit Ethernet with IEEE1588 support
ƒ
3 x Independent displays
ƒ
1 x M.2 bay (2242) for storage only
ƒ
1 x TPM 2.0 internal support (optional)
ƒ
Supports VESA 75 mounting interface
12.1" Fanless Panel PC with Intel®
Core™ i5-7300U Processor
Introduction
PPC-412 is a new generation industrial interactive panel PC with a 12.1" TFT LCD 1024 x 768 resolution, which features a flat, sleek design to greatly reduce maintenance effort.
Pre-installed Intel® Core™ i processor and designed fanless architecture, PPC-412 provide high performance and reliable system for factory automation or variety of industrial
applications. Furthermore, with the provision of multiple I/O, dual Intel® Gigabit ethernet, PPC-412 ensures easy integration and connectivity.
Specifications
System
CPU
Intel® Core™ i5-7300U dual core (default); i7-7600U/i3-7100U (optional)
Frequency
2.6 GHz, up to 3.5 GHz with turbo
L2 Cache
3 MB
Memory
1 x SODIMM DDR4 1866/2133 MHz, (max. 16 GB)
Storage
1 x 2.5" SATA bay
1 x M.2 bay (size: 22 x 42 mm, socket 2 B key, for storage only)
Network (LAN)
2 x 10/100/1000 Mbps Ethernet (Intel I219LM; Intel I211-AT/ I210AT)
I/O
3 x RS-232, 1 x RS-422/485 with 1K VDC isolation
4 x USB 3.0
1 x Line-out, 1 x Mic-in
1 x DB15 VGA
1 x Display Port (1.2)
1 x TPM 2.0 internal(optional)
Expansion
1 x Mini PCIe
Watchdog Timer
255 timer levels, set up by software
Speaker
2 x 1W
Physical
Characteristics
Dimensions
317 x 246 x 60.5 mm (12.4 x 9.7 x 2.4 in)
Weight
3.4 kg (7.5 lb)
OS Support
OS Support
Microsoft® Windows 10 (64-bit), Win 10 LTSC, Linux
Power Consumption
Input Voltage
9 ~ 32 VDC
Power Consumption
i5-7300U 60W (Burn-in test 8.0 in Windows 10 64bit)
LCD
Display Type
12.1" TFT LCD panel
Max. Resolution
1024 x 768
Viewing Angle
89 (left), 89 (right), 89 (up), 89 (down)
Luminance (cd/m2)
600
Contrast Ratio
1000
Backlight Lifetime
50,000 hr (min.)
Touchscreen
Touch Type
5-wire resistive
Light Transmission
80±5% at 550nm wavelength
Controller
USB interface
Environment
Operating Temperature
0 ~ 50 °C (32 ~ 122 °F) with SSD
Storage Temperature
-20 ~ 60 °C (-4 ~ 140 °F)
Relative Humidity
10 ~ 95% @ 40 °C (Non-Condensing)
Shock
Operating 10 G Peak Acceleration (11 ms Duration), Follows IEC 60068-2-27
Vibration
Operating Random Vibration Test 5 ~ 500Hz, 2Grms @with SSD, Follows IEC 60068-2-64
EMC
CE, FCC Class B, BSMI
Safety
CB, UL, CCC, BSMI
Front Panel Protection
IP66 compliant
All product specifications are subject to change without notice.
Last updated: 28-Jul-2022


Similar Part No. - PPC-412-R750A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-415-PB30A ADVANTECH-PPC-415-PB30A Datasheet
507Kb / 2P
15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
PPC-415-PB50A ADVANTECH-PPC-415-PB50A Datasheet
507Kb / 2P
15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
PPC-415-PB50AU ADVANTECH-PPC-415-PB50AU Datasheet
507Kb / 2P
15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
PPC-415-PB70A ADVANTECH-PPC-415-PB70A Datasheet
507Kb / 2P
15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
PPC-415-TGL ADVANTECH-PPC-415-TGL Datasheet
507Kb / 2P
15 Fanless Panel PC with Intel® 11th Gen Core™ I7/i5/i3 Processor
15-Jun-2022
More results

Similar Description - PPC-412-R750A

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-3120 ADVANTECH-PPC-3120 Datasheet
390Kb / 2P
12.1 Fanless Panel PC with Intel® Atom™ E3940 Processor
1-Aug-2022
PPC-3120S ADVANTECH-PPC-3120S Datasheet
385Kb / 2P
12.1 Fanless Panel PC with Intel® Celeron® N2930 Processor
28-Jul-2022
PPC-315W-TGL ADVANTECH-PPC-315W-TGL Datasheet
619Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-321W-TGL ADVANTECH-PPC-321W-TGL Datasheet
566Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i7/i5/i3 Processor
5-Sep-2022
PPC-3151SW ADVANTECH-PPC-3151SW Datasheet
440Kb / 2P
15.6 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3151W ADVANTECH-PPC-3151W Datasheet
410Kb / 2P
15.6 Fanless Widescreen Panel PC with Intel Core™ i5-7300U Processor
28-Jul-2022
PPC-3181SW ADVANTECH-PPC-3181SW Datasheet
430Kb / 2P
18.5 Fanless Panel PC with Intel® Core™ i Processor
1-Aug-2022
PPC-3211SW ADVANTECH-PPC-3211SW Datasheet
444Kb / 2P
21.5 Fanless Panel PC with Intel® Core™ i Processor
28-Jul-2022
PPC-3211W ADVANTECH-PPC-3211W Datasheet
389Kb / 2P
21.5 Fanless Widescreen Panel PC with Intel® Core™ i5-7300U Processor
28-Jul-2022
PPC-3241SW-MART ADVANTECH-PPC-3241SW-MART Datasheet
559Kb / 2P
23.8 Panel PC with Win 10 LTSC and Intel® Core™ i5-7300U
22-Jan-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com