Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MST Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # MST
Description  SMD current sensing resistor- metal strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MST Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  MST Datasheet HTML 1Page - Eaton All Rights Reserved. MST Datasheet HTML 2Page - Eaton All Rights Reserved. MST Datasheet HTML 3Page - Eaton All Rights Reserved. MST Datasheet HTML 4Page - Eaton All Rights Reserved. MST Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Technical Data ELX1184
Effective June 2022
MST
SMD current sensing resistor- metal strip
www.eaton.com/electronics
Electrical specifications
Part number
Size
Resistance value
mΩ (Part number
code)
Resistance tolerance
(Part number code)
Power rating
(Part number
code)
TCR
(ppm/°C)
Operating
temperature
MST0603Rxxxx*?M
0603 (1608 metric)
1 (0010)
±1% (F)
1/2 W (S)
± 50
-55 °C to +155 °C
MST0603Rxxxx*?M
0603 (1608 metric)
2 (0020)
±1% (F)
1/2 W (S)
± 50
-55 °C to +155 °C
MST0805Rxxxx*?M
0805 (2013 metric)
1.5 (0015)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MST0805Rxxxx*?M
0805 (2013 metric)
2 (0020)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
MST0805Rxxxx*?M
0805 (2013 metric)
3 (0030)
±1% (F)
3/4 W (I)
± 50
-55 °C to +155 °C
Rxxxx = Enter resistance code option from table above xxxx= resistance code (xxx.x mΩ ex: R0010 = 1.0 mΩ)
*= Enter resistance tolerance code option from table above (F= ±1%)
?= Enter power rating code option from table above (S = 1/2W, I = 3/4W)
M= MnCu (Metal material)
Packaging information- mm
Supplied in tape and reel on a 7.0” diameter reel (EIA-481 compliant)
Tape carrier and dimensions
Reel dimensions-mm
Dimension
0603
0805
E
1.75 ± 0.1
1.75 ± 0.1
F
3.5 ± 0.05
3.5 ± 0.05
P2
2.0 ± 0.1
2.0 ± 0.1
D0
1.50 ± 0.1
1.50 ± 0.1
P0
4.0 ± 0.1
4.0 ± 0.1
W
8.0 ± 0.1
8.0 ± 0.2
P1
4.0 ± 0.1
4.0 ± 0.1
A0
1.1 ± 0.1
1.6 ± 0.15
B0
1.9 ± 0.1
2.4 ± 0.2
T
0.64 ± 0.1
0.64 ± 0.1
Size
A
B
C
D
N
W1
W2
W3
0603
178 ± 2.0
3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0
9.0 ± 1.0
11.4 ± 1.0
na
0805
178 ± 2.0
3.5 ± 0.5
13.0 ± 1.0
na
60 ± 1.0
9.0 ± 1.0
11.4 ± 1.0
na
Size
Tape
Quantity
0603
7 inch paper
5K
0805
7 inch paper
5K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com