Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MST Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # MST
Description  SMD current sensing resistor- metal strip
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

MST Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  MST Datasheet HTML 1Page - Eaton All Rights Reserved. MST Datasheet HTML 2Page - Eaton All Rights Reserved. MST Datasheet HTML 3Page - Eaton All Rights Reserved. MST Datasheet HTML 4Page - Eaton All Rights Reserved. MST Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data ELX1184
Effective June 2022
MST
SMD current sensing resistor- metal strip
Pb
HALOGEN
HF
FREE
Table 1. Part numbering configuration scheme
MST
xxxx Rxxxx * ? M
Family name
MST
Footprint EIA option
0603, 0805
Resistance option
Rxxxx = xxx.x mΩ
ex: R0010 = 1.0 mΩ
Metal material option
M = MnCu
Power rating option
S = 1/2 W, I = 3/4 W
Resistance tolerance option
F = ±1%
Product features
•
Low sensing resistance
•
0603 (1608 metric) to 0805 (2013 metric)
•
High power dissipation
•
Moisture sensitivity level (MSL): 1
Applications
•
Switched-mode power supply (SMPS)
•
Voltage regulator module
•
Power management
•
Stepper motor drives
Environmental compliance
See electrical specification table for option details


Similar Part No. - MST

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MST MACOM-MST Datasheet
95Kb / 2P
HIGH-PERFORMANCE RELAYS
logo
Conquer Electronics Co....
MST CONQUER-MST Datasheet
217Kb / 1P
8.35 x 4.3 x 7.7 mm
logo
HellermannTyton.
MST HELLERMANNTYTON-MST Datasheet
151Kb / 3P
Cable Ties and Fixings
September 2022
logo
List of Unclassifed Man...
MST-1 ETC2-MST-1 Datasheet
739Kb / 16P
MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
logo
Adam Technologies, Inc.
MST-G ADAM-TECH-MST-G Datasheet
88Kb / 1P
MINI SHUNT OPEN TOP HEIGHT
More results

Similar Description - MST

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
LVM OHMITE-LVM Datasheet
490Kb / 2P
Current Sensing Metal Chip Resistor
logo
Stackpole Electronics, ...
CSNL SEI-CSNL Datasheet
361Kb / 6P
Metal Plate Current Sensing Chip Resistor
10/22/2020
logo
Eaton All Rights Reserv...
MSMA EATON-MSMA Datasheet
856Kb / 10P
SMD current sensing resistor- metal strip
June 2022
MSNA EATON-MSNA Datasheet
562Kb / 6P
SMD current sensing resistor- metal strip
June 2022
MFFA EATON-MFFA Datasheet
583Kb / 5P
4-terminal SMD current sensing resistor-metal strip
June 2022
CHSA EATON-CHSA Datasheet
539Kb / 6P
SMD current sensing resistor-metal shunt
September 2022
MFHA EATON-MFHA Datasheet
599Kb / 6P
SMD current sensing resistor-metal film
June 2022
MFL EATON-MFL Datasheet
613Kb / 9P
SMD current sensing resistor- metal film
June 2022
MFLA EATON-MFLA Datasheet
644Kb / 8P
SMD current sensing resistor- metal film
June 2022
MFSA EATON-MFSA Datasheet
722Kb / 7P
SMD current sensing resistor-metal foil
June 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com