Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3981CS-13 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AP3981CS-13
Description  PRIMARY SIDE REGULATED POWER SWITCHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3981CS-13 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AP3981CS-13 Datasheet HTML 6Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 7Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 8Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 9Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 10Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 11Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 12Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 13Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AP3981C
Document number: DS41619 Rev. 2 - 2
10 of 16
www.diodes.com
June 2019
© Diodes Incorporated
AP3981C
Operation Description (continued)
CS
CS
PK
R
V
I
(2)
The energy stored in the magnetizing inductance LM each cycle is therefore:
2
2
1
PK
M
I
L
Eg
(3)
So the power transferring from the input to the output is given by:
SW
PK
M
f
I
L
P
2
2
1
(4)
Where, the fSW is the switching frequency. When the peak current IPK is constant, the output power would depend on the switching frequency fSW.
2.
Constant Voltage Operation
The output voltage is proportional to the auxiliary winding voltage during tONS period indicated by Formula 5, this auxiliary winding voltage is
divided by resistors RFB1 and RFB2 (refer to Figure 5) before inputting to the FB pin. As Figure 2 illustrated, the AP3981C detects the FB voltage at
the end of tSAMPLE during tONS period, the detected voltage which reflects the output voltage is regulated to VFB of 2.4V with the help of the
constant voltage control block in the AP3981C. For system design, adjusting the ratio of RFB1 and RFB2 can get the target output voltage value.
Vd
Vo
N
N
V
S
AUX
AUX
(5)
0V
tONS
tSAMPLE
tSW
Figure 2. Auxiliary Voltage Waveform
3.
Constant Current Control
In the AP3981C, Formula 6 shows the related parameters that determine the output current. To get a constant output current, the VCS and
tONS/tSW is fixed in AP3981C during CC mode. Meanwhile, the reliable control logic is integrated within AP3981C to ensure the system swift
smoothly between CC mode and CV mode.
(6)
SW
ONS
SW
ONS
OUT
t
t
*
Rcs
Vcs
*
Ns
Np
*
2
1
t
t
*
Ipk
*
Ns
Np
*
2
1
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com