Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3981CS-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP3981CS-13
Description  PRIMARY SIDE REGULATED POWER SWITCHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3981CS-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP3981CS-13 Datasheet HTML 1Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 2Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 3Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 4Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 5Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 6Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 7Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 8Page - Diodes Incorporated AP3981CS-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AP3981C
Document number: DS41619 Rev. 2 - 2
1 of 16
www.diodes.com
June 2019
© Diodes Incorporated
AP3981C
PRIMARY SIDE REGULATED POWER SWITCHER
Description
The AP3981C is a high performance power switchers integrated with
a primary side regulation controller and an N-channel power
MOSFET. It can be used for battery charger and adaptor applications,
accurate Constant Voltage (CV) and Constant Current (CC) can be
achieved without an opto-coupler and secondary control circuitry.
The AP3981C operates in Pulse Frequency Modulation (PFM) mode
and peak current Amplitude Modulation (AM) mode to form a fine tune
frequency curve within the whole power range. Therefore, the
AP3981C can achieve high average efficiency and improve audible
noise.
The AP3981C provides comprehensive protections without additional
circuitry. It contains VCC over voltage protection, output over voltage
protection, output under voltage protection, output short circuit
protection, cycle-by-cycle current limit, open loop protection, and
internal over temperature protection, etc.
The AP3981C is available in SO-8 package.
Features
Primary Side Control for Eliminating Opto-Coupler
Built-In 650V Power MOSFET
75mW No-Load Input Power
Flyback Topology in DCM Operation
External Adjustable Line Compensation for CC
Fixed Internal Cable Compensation
Multiple Segment AM/PFM Control Mode to Improve Audio
Noise and Efficiency
Frequency Jitter to Improve System EMI
Capacitive Load Start-Up Capability
Valley-On for the Higher Efficiency and Better EMI Behavior
Multiple Protections:
Secondary-Side Over Voltage Protection (SOVP)
Secondary-Side Under Voltage Protection (SUVP)
Output Short Circuit Protection (SCP)
Transformer Saturation Protection (TSP) via Primary Peak
Current Limitation
Internal Over Temperature Protection (OTP)
SO-8 Package
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Top View)
SO-8
Applications
Routers
Set-Top Box (STB) Power Supply
Network Adaptors
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-fre
e "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
4
8
6
5
7
FB
VCC
SOURCE
GND
Drain
Drain
Drain
Drain


Similar Part No. - AP3981CS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP39811 DIODES-AP39811 Datasheet
603Kb / 18P
PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
Rev. 5 - 2 June 2019
AP39811AS7-13 DIODES-AP39811AS7-13 Datasheet
603Kb / 18P
PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
Rev. 5 - 2 June 2019
AP39811BS7-13 DIODES-AP39811BS7-13 Datasheet
603Kb / 18P
PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
Rev. 5 - 2 June 2019
AP3981B DIODES-AP3981B Datasheet
511Kb / 17P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
AP3981BS7-13 DIODES-AP3981BS7-13 Datasheet
511Kb / 17P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
More results

Similar Description - AP3981CS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3783 DIODES-AP3783 Datasheet
576Kb / 17P
PRIMARY SIDE REGULATED SWITCHING MODE POWER SUPPLY CONTROLLER
Rev 6
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 4
logo
ON Semiconductor
NCP11367 ONSEMI-NCP11367 Datasheet
393Kb / 24P
High Voltage Primary Side PWM Switcher
December, 2017 ??Rev. P1
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 2
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev 3
logo
ON Semiconductor
FL6632 ONSEMI-FL6632 Datasheet
489Kb / 15P
Primary-Side-Regulated LED Driver
May 2015 Rev. 1.0
FL7733A ONSEMI-FL7733A Datasheet
453Kb / 15P
Primary-Side-Regulated LED Driver
December 2014 Rev. 1.2
logo
Diodes Incorporated
AP3981B DIODES-AP3981B Datasheet
511Kb / 17P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
AP3981D2 DIODES-AP3981D2 Datasheet
384Kb / 16P
PRIMARY SIDE REGULATED POWER SWITCHER
Rev. 2 - 2 May 2019
AP39811 DIODES-AP39811 Datasheet
603Kb / 18P
PRIMARY SIDE REGULATED POWER SWITCHER FOR SLANT IV CURVE
Rev. 5 - 2 June 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com