Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3981D2 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP3981D2
Description  PRIMARY SIDE REGULATED POWER SWITCHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3981D2 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP3981D2 Datasheet HTML 8Page - Diodes Incorporated AP3981D2 Datasheet HTML 9Page - Diodes Incorporated AP3981D2 Datasheet HTML 10Page - Diodes Incorporated AP3981D2 Datasheet HTML 11Page - Diodes Incorporated AP3981D2 Datasheet HTML 12Page - Diodes Incorporated AP3981D2 Datasheet HTML 13Page - Diodes Incorporated AP3981D2 Datasheet HTML 14Page - Diodes Incorporated AP3981D2 Datasheet HTML 15Page - Diodes Incorporated AP3981D2 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AP3981D2
Operation Principle Description (cont.)
The final compensated VCS is:
(8)
In the above equations, VPP is 1.8V at CC mode, RLC is 55Ω, R2 is 60kΩ, R1 is two times of R2, VAUX is the value of the auxiliary winding voltage
during primary-on period, which proportional to bus voltage. Based on the equation, it can be concluded that a smaller RFB1 results in deeper line
compensation. If the delay time, tDELAY, is known—typically 150ns in AP3981D2, the RFB1 can be calculated as a reference for the system design.
11. Protection
AP3981D2 provides versatile protections to prevent the system from damage under various fault conditions. Most protections trigger auto-recovery
mode in which the system restarts as soon as the VCC drops to VOPR(MIN). When the fault conditions are removed, the system recovers to normal
operation automatically.
VCC OVP
A VCC OVP threshold is set to protect the IC from damage. When the VCC OVP protection is triggered, the IC stops outputting drive signal
immediately, and the system enters auto-recovery mode.
Output Overvoltage Protection (SOVP)
As previously described, the FB pin voltage during tons reflects the output voltage proportionally. This voltage can be used to realize SOVP.
AP3981D2 sets a higher threshold, VFB(OVP), to shutdown the system if the sampled voltage reaches the threshold continuously for three switching
cycles. The SOVP is then triggered, and the system enters auto-recovery mode.
Output Undervoltage Protection (SUVP)
Like SOVP, the AP3981D2 also integrated the SUVP protection. If the detected voltage on FB pin is lower than VFB(SUVP) for 128ms, the SOVP is
triggered, and the system enters auto-recovery mode.
Output Short Protection (SCP)
A much lower threshold is set on FB pin to protect the system when output short condition occurs. If the detected FB voltage is lower than 0.78V
for 64ms, the SCP is triggered, and the system enters auto-recovery mode.
Transformer Anti-Saturation Protection
Under some fault conditions or bad system design, the transformer may approach saturation, and the current increases dramatically. To avoid
power device damage due to transformer saturation, AP3981D2 integrates a maximum VCS threshold VCS(MAX) to protect the system. If there are
three consecutive pulses where VCS exceeds the threshold, the controller shuts down and enters auto-recovery mode.
Overtemperature Protection (OTP)
If the IC junction temperature exceeds the threshold of TOTP, AP3981D2 shuts down immediately and enters auto-recovery mode. Note that even
when the VCC reaches VTH_ST, the IC does not output any drive pulse until the junction temperature falls at a hysteresis temperature of +30°C.
Brown-In/ Brown-Out Protection
AP3981D2 detects the bus voltage at each switching cycle through FB pin during tONP period. When the VCC reaches VTH_ST after power on,
AP3981D2 outputs one switching pulse to check if the detected bus voltage on FB pin is higher than VFB_NEG_H. In this case, the system starts up
normally; otherwise, AP3981D2 stops outputting following pulses. The VCC then drops below VOPR(MIN), and the system repeats the process
described above until the detected FB voltage is higher than VFB_NEG_H. When the power is off or there is a ditch in bus voltage, and if the
detected voltage is lower than VFB_NEG_L for three consecutive switching cycles, the IC shuts down and enters auto-recovery mode. This function
is very useful when the bulk capacitor is open or when the heavy load suddenly releases after power off.
LC
PP
REF
_
CS
V
*
3
2
V
*
3
1
V
+
=
AP3981D2
Document number: DS41421 Rev. 2 - 2
13 of 16
www.diodes.com
May 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com