Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP3981D2 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3981D2
Description  PRIMARY SIDE REGULATED POWER SWITCHER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3981D2 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3981D2 Datasheet HTML 1Page - Diodes Incorporated AP3981D2 Datasheet HTML 2Page - Diodes Incorporated AP3981D2 Datasheet HTML 3Page - Diodes Incorporated AP3981D2 Datasheet HTML 4Page - Diodes Incorporated AP3981D2 Datasheet HTML 5Page - Diodes Incorporated AP3981D2 Datasheet HTML 6Page - Diodes Incorporated AP3981D2 Datasheet HTML 7Page - Diodes Incorporated AP3981D2 Datasheet HTML 8Page - Diodes Incorporated AP3981D2 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AP3981D2
Typical Applications Circuit
AC
R1
C13
T 1
D3
F1
R17
C3
C12
CY1
GND
DRAIN
SOURCE
VCC
AP3981D2
U1
FB
VOUT
GND
C2
L1
5,6,7,8
4
1
R5
R6
2
R18
R2
D1
C1
DB1
B1
3
D3
R13
R16
R15
C10
R7
R9
C14
Pin Descriptions
Pin Number
Pin Name
Function
1
GND
IC ground
2
FB
Connect to the auxiliary winding through a divider network. Used as a multi-function pin to realize
output voltage sample for CV control, tons detection for CC control, line voltage sense for line
compensation, and FB-negative-protection detection.
3
VCC
IC power supply
4
SOURCE
SOURCE terminal of the integrated MOSFET
5, 6,7,8
DRAIN
DRAIN terminal of the integrated MOSFET
AP3981D2
Document number: DS41421 Rev. 2 - 2
2 of 16
www.diodes.com
May 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com