Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX7436F Datasheet(PDF) 23 Page - Texas Instruments

Part # TMUX7436F
Description  TMUX7436F ±60 V Fault-Protected, Dual 2:1 Multiplexer With Latch-Up Immunity and 1.8 V Logic
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7436F Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX7436F Datasheet HTML 19Page - Texas Instruments TMUX7436F Datasheet HTML 20Page - Texas Instruments TMUX7436F Datasheet HTML 21Page - Texas Instruments TMUX7436F Datasheet HTML 22Page - Texas Instruments TMUX7436F Datasheet HTML 23Page - Texas Instruments TMUX7436F Datasheet HTML 24Page - Texas Instruments TMUX7436F Datasheet HTML 25Page - Texas Instruments TMUX7436F Datasheet HTML 26Page - Texas Instruments TMUX7436F Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
6.10 Typical Characteristics (continued)
at TA = 25°C, VDD = 15 V, and VSS = –15 V (unless otherwise noted)
.
Figure 6-25. Transition Times vs Temperature
Temperature (
C)
-40
-15
10
35
60
85
110 125
0
50
100
150
200
250
300
350
400
VDD: 8 V, VSS: 0 V, Falling Edge
VDD: 8 V, VSS: 0 V, Rising Edge
VDD: 12 V, VSS: 0 V, Falling Edge
VDD: 12 V, VSS: 0 V, Rising Edge
VDD = 36V, VSS = 0 V, Falling Edge
VDD = 36V, VSS = 0 V, Rising Edge
.
Figure 6-26. Transition Times vs Temperature
Temperature (
C)
-40
-15
10
35
60
85
110 125
0
50
100
150
200
250
300
350
400
450
500
TOFF 15V
TON 15V
TOFF 20V
TON 20V
.
Figure 6-27. Turn-On and Turn-Off Times vs Temperature
Temperature (
C)
-40
-15
10
35
60
85
110 125
0
50
100
150
200
250
300
350
400
450
TOFF +8V
TON +8V
TOFF +12V
TON +12V
TOFF +36V
TON +36V
.
Figure 6-28. Turn-On and Turn-Off Times vs Temperature
Frequency(Hz)
-130
-110
-90
-70
-50
-30
-10
10
30
1M
10M
100M
1G
100k
10k
CrossTalk: Adjacent Channel
CrossTalk: Nonadjacent Channel
Off-Isolation
.
Figure 6-29. Crosstalk and Off Isolation vs Frequency
Frequency (Hz)
-6
-5
-4
-3
-2
-1
0
100k
1M
10M
100M
.
Figure 6-30. Insertion Loss vs Frequency
www.ti.com
TMUX7436F
SCDS459A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX7436F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com