Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUXHS221 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUXHS221
Description  TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUXHS221 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUXHS221 Datasheet HTML 9Page - Texas Instruments TMUXHS221 Datasheet HTML 10Page - Texas Instruments TMUXHS221 Datasheet HTML 11Page - Texas Instruments TMUXHS221 Datasheet HTML 12Page - Texas Instruments TMUXHS221 Datasheet HTML 13Page - Texas Instruments TMUXHS221 Datasheet HTML 14Page - Texas Instruments TMUXHS221 Datasheet HTML 15Page - Texas Instruments TMUXHS221 Datasheet HTML 16Page - Texas Instruments TMUXHS221 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
8.3.2 USB-C SBU Muxing
Figure 8-5 shows an application block diagram that implements SBU cross-muxing in a USB Type-C interface
for implementing DisplayPort (DP) Alternate mode using the TMUXHS221. Note that the device has adequate
bandwidth to support fast Auxiliary (AUX) signals. It is also capable of handling asymetric biasing for DP AUX
signals.
TMUXHS221
D+
D-
DB+
DB-
DA+
DA-
SEL
OEn
USB-C
Port
VCC
GND
1
F
0.1
F
DP Auxiliary
SBU
Figure 8-5. USB Type-C SBU Signals Muxing
8.3.3 Switching USB Port
Figure 8-6 shows an application block diagram where TMUXHS221 is used to switch the USB port in between a
handheld portable device and its connected dock.
USB Host
Handheld Portable Device
Dock
USB Port A
Figure 8-6. Switching USB Port
www.ti.com
TMUXHS221
SLASF52A – AUGUST 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMUXHS221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com