Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUXHS221 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUXHS221
Description  TMUXHS221 USB 2.0 480 Mbps 2:1/1:2 Multiplexer/Demultiplexer Switch
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUXHS221 Datasheet(HTML) 2 Page - Texas Instruments

  TMUXHS221 Datasheet HTML 1Page - Texas Instruments TMUXHS221 Datasheet HTML 2Page - Texas Instruments TMUXHS221 Datasheet HTML 3Page - Texas Instruments TMUXHS221 Datasheet HTML 4Page - Texas Instruments TMUXHS221 Datasheet HTML 5Page - Texas Instruments TMUXHS221 Datasheet HTML 6Page - Texas Instruments TMUXHS221 Datasheet HTML 7Page - Texas Instruments TMUXHS221 Datasheet HTML 8Page - Texas Instruments TMUXHS221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 High-Speed Performance Parameters........................5
6.7 Switching Characteristics............................................5
6.8 Typical Characteristics – S-Parameters......................6
6.9 Typical Characteristics – Eye Diagrams..................... 7
6.10 Typical Characteristics – RON .................................. 8
7 Detailed Description........................................................9
7.1 Overview..................................................................... 9
7.2 Functional Block Diagram........................................... 9
7.3 Feature Description.....................................................9
7.4 Device Functional Modes............................................9
8 Application and Implementation.................................. 10
8.1 Application Information............................................. 10
8.2 Typical Applications.................................................. 10
8.3 Systems Examples................................................... 12
9 Power Supply Recommendations................................14
10 Layout...........................................................................14
10.1 Layout Guidelines................................................... 14
10.2 Layout Example...................................................... 14
11 Device and Documentation Support..........................15
11.1 Related Documentation...........................................15
11.2 Receiving Notification of Documentation Updates.. 15
11.3 Support Resources................................................. 15
11.4 Trademarks............................................................. 15
11.5 Electrostatic Discharge Caution.............................. 15
11.6 Glossary.................................................................. 15
12 Mechanical, Packaging, and Orderable
Information.................................................................... 15
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (August 2022) to Revision A (November 2022)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data ...................................1
TMUXHS221
SLASF52A – AUGUST 2022 – REVISED NOVEMBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUXHS221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com