Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3-FS Datasheet(PDF) 2 Page - New Scale Technologies, Inc.

Part # M3-FS
Description  Tiny, all-in-one smart motion modules for positioning optics in OEM cameras
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWSCALE [New Scale Technologies, Inc.]
Direct Link  https://www.newscaletech.com/
Logo NEWSCALE - New Scale Technologies, Inc.

M3-FS Datasheet(HTML) 2 Page - New Scale Technologies, Inc.

  M3-FS Datasheet HTML 1Page - New Scale Technologies, Inc. M3-FS Datasheet HTML 2Page - New Scale Technologies, Inc. M3-FS Datasheet HTML 3Page - New Scale Technologies, Inc. M3-FS Datasheet HTML 4Page - New Scale Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M3-FS and M3-F Focus Modules
New Scale Technologies, Inc. ~ w w w . n ew s c al et ec h. c om ~ Phone (585) 924-4450
Simple integration
Integration with camera processor
Both the M3-FS and M3-F smart focus modules feature embedded
closed-loop control. You provide simple, high-level motion commands
from the camera processor over a standard I2C or SPI interface.
Lens installation and alignment
Install your lens using the threaded inside diameter of the M3 module.
The M3-FS accepts a maximum M16 diameter lens, or an M12 lenses
with a standard adapter. Smaller lenses may be feasible depending on
the optical design. The M3-F accepts a maximum M12 lens directly.
For typical camera integration, “active alignment” is required to align
the optical centerline of the lens orthogonal to the image sensor by
moving the M3 module and lens as a single assembly.
After alignment, the base of the module is typically secured to the
image sensor board using shims, adhesive and screws. The lens
back focal distance is then set by rotating the lens in the threads and
securing it with a small amount of adhesive in the threads.
Model
M3-F
M3-FS
Lens Type
(Lens not included)
Accepts M12x0.5 mm lens.
Accepts smaller lenses to M8x0.35 with
adapter by special order
Accepts M16x1 mm
Accepts M12x0.5 mm with standard adapter.
Other sizes by special order.
Lens Weight (note 1)
< 5 grams
< 5 grams (all orientations)
Travel Range
Up to 1.5 mm
Up to 1.5 mm
Housing Dimension
20 x 22 x 16 mm
20 x 23 x 16 mm
Image Sensor Area
(image sensor not included)
17 x 17 (see drawing)
17 x 17 (See drawing)
Maximum Speed
5 mm/s
5 mm/s
Resolution
0.5 μm
0.5 μm
Repeatability
Uni-directional: +/- 8
μm
Bi-directional: +/- 20
μm
Uni-directional: +/- 2.5
μm
Bi-directional: +/- 5
μm
Linear Accuracy
± 30
μm
± 12
μm
Static Tilt
<± 1 degree
<± 0.7 degree
Dynamic Tilt
<± 0.15 degrees
<± 0.05 degrees
Static Concentricity
<± 0.25 mm
<± 0.25 mm
Dynamic Concentricity
<± 0.02 mm
<± 0.002 mm (Typical)
Input Voltage
3.1 to 3.6 V DC
3.1 to 3.6 V DC
Input Power (note 2)
< 1 W (5mm/s with 5g mass)
< 0.13 W quiescent
< 1 W (5mm/s with 5g mass)
<0.13 W quiescent
Temperature /RH (note 3)
5° to 70°C (lower possible)
<70% RH non-condensing
5° to 70°C (lower possible)
<70% RH non-condensing
Lifetime (note 4)
>2 million cycles (fixed orientation)
500K cycles (any orientation)
>10 million random moves while not exceeding 1.2 km total travel.
See note 4
Digital Interface
I2C or SPI
I2C or SPI
Weight of module (without lens)
5.8 grams
8 grams
Compliance
CE / RoHS
CE / RoHS
Note 1: Fixed orientation may allow for heavier lens operation. Please consult the factory.
Note 2: Power depends on input voltage, speed & load.
Note 3: Consult the factory for lower temperature requirements.
Note 4: M3-FS specification corresponds to 10 million moves with average random move of 120 µm. Lifetime depends on application and use case. Please consult factory to discuss your
specific system design.
Specifications
The M3 Advantage: New Scale’s M3
micro-mechatronic module platforms
provide the smallest, highest resolu-
tion, and most repeatable closed-loop
positioning solutions available. These
“all in-one” smart modules require no
separate electronics and are ready to
plug-and-play directly with your
system processor and power supply.
You achieve the fastest time to market
with the lowest total cost.
Each M3 smart module is a fully en-
gineered solution that integrates our
patented and proprietary motor, drive,
sensing, guide and control technolo-
gies. These unique components com-
bine to create the world’s smallest
closed-loop motion solutions.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com