Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3-FS Datasheet(PDF) 1 Page - New Scale Technologies, Inc.

Part # M3-FS
Description  Tiny, all-in-one smart motion modules for positioning optics in OEM cameras
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWSCALE [New Scale Technologies, Inc.]
Direct Link  https://www.newscaletech.com/
Logo NEWSCALE - New Scale Technologies, Inc.

M3-FS Datasheet(HTML) 1 Page - New Scale Technologies, Inc.

  M3-FS Datasheet HTML 1Page - New Scale Technologies, Inc. M3-FS Datasheet HTML 2Page - New Scale Technologies, Inc. M3-FS Datasheet HTML 3Page - New Scale Technologies, Inc. M3-FS Datasheet HTML 4Page - New Scale Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
New Scale Technologies, Inc. ~ w w w . n ew s c al et ec h. c om ~ Phone (585) 924-4450
M3-FS and M3-F Focus Modules
Tiny, all-in-one smart motion modules
for positioning optics in OEM cameras
Small, precise and smart: M3-FS
and M3-F focus modules are easily
integrated with your camera board
and lens. The complete, drop-in
focus solution requires no more
space than a fixed lens holder.
Precision lens control for highest image quality
M3-FS focus modules add high-resolution lens motion, with excellent
dynamic stability, to the smallest OEM cameras. Each module is a
complete closed-loop motion solution and requires no more space than
a typical fixed lens mount. Very low power is needed to move the lens
and zero power is needed to hold the lens in any position, making the
M3-FS ideal for battery-powered devices.
All M3 smart modules have embedded closed-loop control. They need
only simple high-level motion commands from the camera processor,
making system integration fast, simple and cost-effective.
Precise lens position control (0.5 µm resolution) and best-in-class bi-
directional repeatability enable you to capture the sharpest images in
the shortest time. Designed for long life with high performance, M3
modules are not susceptible to temperature or power variations.
New aluminum construction with ball bearings
for improved dynamic stability and precision
The new M3-FS focus module is a drop-in replacement for the original
M3-F focus module. The aluminum structure and innovative ball bearing
guide mechanism deliver a 3x improvement in tilt and accuracy. The
new M3-FS features superior dynamic stability, minimizing pixel shift
with changing camera orientation. This makes it ideal for miniature
handheld, portable and mobile systems. Maximum lens diameter is M16.
The original M3-F focus module, with molded polymer construction and
a pin-bushing guide, remains an economical choice for lower precision
requirements or fixed camera positions. Maximum lens diameter is M12.
FEATURES
Tiny “all-in-one” solution: no external control board needed
Superior image quality: sub-micron lens movement with very
low tilt. Now with higher dynamic stability
Low voltage & power: 3.3 VDC input, zero power position hold
Simple system integration: accepts high-level motion
commands over standard serial interface (I2C or SPI)
Flexible, production-ready system: compatible with M8 to
M16 lenses and with typical image formats from 1/3” to 1/1.8”
Lowest cost, fastest time to market: Fully-engineered “plug
and play” solution
APPLICATIONS
High-resolution cameras for
miniaturized systems and handheld,
portable or mobile instruments
•
In-vitro diagnostics (IVD)
•
Robotic inspection
•
Miniature microscopes
•
Surveillance & remote sensing
•
Biometric identification
•
Imaging arrays
•
Process control & machine vision
•
Guidance, targeting & UAVs
Your
Camera
Board
M3-FS
Module
Your M8
to M16
All-in-one motion modules run
on 3.3 VDC and can be evaluated
using a PC with USB adapter and
New Scale Pathway™ software,
included in the Developer’s Kits.
SMALL, PRECISE, SMART … IN MOTION


Similar Part No. - M3-FS

ManufacturerPart #DatasheetDescription
logo
New Scale Technologies,...
M3-1.8-0-DEG-250 NEWSCALE-M3-1.8-0-DEG-250 Datasheet
661Kb / 4P
All-in-one USB micro stage
08-30-2017
M3-1.8-90-DEG-250 NEWSCALE-M3-1.8-90-DEG-250 Datasheet
661Kb / 4P
All-in-one USB micro stage
08-30-2017
M3-1.8-Y-BRACKET NEWSCALE-M3-1.8-Y-BRACKET Datasheet
661Kb / 4P
All-in-one USB micro stage
08-30-2017
M3-1.8-Z-BRACKET NEWSCALE-M3-1.8-Z-BRACKET Datasheet
661Kb / 4P
All-in-one USB micro stage
08-30-2017
logo
Harris Corporation
M3-7603-5 HARRIS-M3-7603-5 Datasheet
145Kb / 3P
32 X 8 PROM(Open Collector Outputs, Three State Outpus)
More results

Similar Description - M3-FS

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM83702 EMC-EM83702 Datasheet
81Kb / 11P
ALL IN ONE MOUSE CONTROLLER
logo
List of Unclassifed Man...
SC83702 ETC-SC83702 Datasheet
137Kb / 10P
ALL IN ONE MOUSE CONTROLLER
logo
ATMEL Corporation
ATR4252 ATMEL-ATR4252 Datasheet
368Kb / 10P
All-in-One IC Solution for Active Antennas
logo
Lightel Technologies IN...
FF-280 LIGHTEL-FF-280 Datasheet
206Kb / 2P
All-in-One Component Workstation
FRMD-13-A-B-0 LIGHTEL-FRMD-13-A-B-0 Datasheet
90Kb / 1P
All-in-One Component Workstation
logo
RENCO ELECTRONICS, INC.
RL-2260 RENCO-RL-2260 Datasheet
1Mb / 3P
ALL IN ONE??POWER TRANSFORMERS
logo
Schneider Electric
SO2040M200SS SCHNEIDER-SO2040M200SS Datasheet
117Kb / 2P
ALL-IN-ONE RINGLESS OH200ASURFACEHORNSOL
Mar 30, 2020
logo
List of Unclassifed Man...
MT3333 ETC1-MT3333 Datasheet
633Kb / 26P
All-in-One GNSS
logo
New Scale Technologies,...
M3-LS-U2-8 NEWSCALE-M3-LS-U2-8 Datasheet
1,009Kb / 4P
All-In-One Motion Module
logo
Aven, Inc.
26700-220-MNT AVEN-26700-220-MNT Datasheet
1Mb / 2P
All-In-One Digital Microscope
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com