Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD660P Datasheet(PDF) 1 Page - Intel Corporation

Part # SSD660P
Description  Intel® QLC Technology Built for the PC. Capacity at an Amazing Price.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SSD660P Datasheet(HTML) 1 Page - Intel Corporation

  SSD660P Datasheet HTML 1Page - Intel Corporation SSD660P Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product brief
Meet today’s storage needs and prepare for the growing demands of tomorrow
with the Intel® SSD 660p built on Intel® QLC 3D NAND technology.
The Intel SSD 660p is the first QLC-based client PCIe SSD in the industry,
continuing Intel’s leadership in flash cell technology and quality manufacturing.
The SSD 660p finally fits low-cost and high-capacity—up to 2TB—into one drive.
PCIe Performance at an Affordable Price
Empowered by Intel’s innovative Intel® QLC technology, the Intel SSD 660p offers
higher capacities at a lower cost than TLC-based options.² Delivering capacity-
optimized NVMe performance and an intelligent storage option for mainstream
and entry-level computing, the SSD 660p offers 512GB, 1TB, and 2TB, and at an
affordable price.²
2x the Capacity in Identical Footprints1
These client SSDs pack more data than TLC-based storage, allowing up to 2x more
capacity in identical footprints. The thin M.2 80mm form factor makes it perfect
for notebooks, desktops, and mobile devices that need storage for everyday
computing.
Intel QLC technology is built on a unique architecture that provides performance,
high capacities, quality, and reliability. We have developed this dynamic
architecture that changes cell configuration to ensure customers get the storage
capacity they need at the performance they expect.
Delivering capacity-optimized NVMe performance and an intelligent storage option
for mainstream and entry-level computing, the SSD 660p offers 512GB, 1TB, and
2TB, and at an affordable price.²
Why Intel?
Our complete product life cycle support extends from ecosystem enabling to post-
sales support. Paired with the quality of our supply chain, Intel has a foundation in
innovation leadership.
That foundation results in drives with robust and lasting data integrity, reliably
effective performance, and increased platform confidence through our unique
position as a platform provider. Intel knows workloads, and we architect our
products to excel in real world use.
Finally, PCIe and Intel® QLC 3D NAND in one SSD.
Intel® QLC Technology Built for the PC.
Capacity at an Amazing Price.
Intel® SSD 660p Series
PCIe (p), 3D NAND
Industry Recognition
The Intel® SSD 660p has
received significant industry
praise and high marks,
garnering multiple “awards”
and badges, including:
• AnandTech
Recommended
• Hot Hardware
Recommended
• Legit Review Value Award
• PC Perspective Editor’s
Choice
• Tom’s Hardware Editor’s
Choice


Similar Part No. - SSD660P

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SSD6 COOPER-SSD6 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
SSD6 COOPER-SSD6 Datasheet
77Kb / 3P
Standard fuse links size E1
logo
SeCoS Halbleitertechnol...
SSD60N04-12D SECOS-SSD60N04-12D Datasheet
151Kb / 2P
N-Ch Enhancement Mode Power MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SSD60N04-12D DOINGTER-SSD60N04-12D Datasheet
2Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
SeCoS Halbleitertechnol...
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
N-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSD660P

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2232L ADVANTECH-ARK-2232L Datasheet
1Mb / 4P
Intel® Atom® E3940 SoC Modular Fanless Box PC
15-Dec-2020
PPC-310-EHL ADVANTECH-PPC-310-EHL Datasheet
420Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3100S ADVANTECH-PPC-3100S Datasheet
444Kb / 2P
10.4 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
PPC-312-EHL ADVANTECH-PPC-312-EHL Datasheet
441Kb / 2P
12 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3120S ADVANTECH-PPC-3120S Datasheet
385Kb / 2P
12.1 Fanless Panel PC with Intel® Celeron® N2930 Processor
28-Jul-2022
PPC-315-EHL ADVANTECH-PPC-315-EHL Datasheet
437Kb / 2P
15 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-321W-EHL ADVANTECH-PPC-321W-EHL Datasheet
434Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® J6412 Processor
5-Sep-2022
PPC-3210SW ADVANTECH-PPC-3210SW Datasheet
375Kb / 2P
21.5 Fanless Panel PC with Intel® Celeron® N2930 Processor
1-Aug-2022
SKY-8201L ADVANTECH-SKY-8201L Datasheet
1Mb / 2P
Compact 2U High Capacity Storage Server based on Intel® Xeon® Processor Scalable Family
11-Jun-2020
logo
AAEON Technology
BOXER-6404U AAEON-BOXER-6404U Datasheet
350Kb / 2P
Compact Embedded Box PC with Intel® Celeron® Processor SoC
2022/02/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com