Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD660P Datasheet(PDF) 2 Page - Intel Corporation

Part # SSD660P
Description  Intel® QLC Technology Built for the PC. Capacity at an Amazing Price.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SSD660P Datasheet(HTML) 2 Page - Intel Corporation

  SSD660P Datasheet HTML 1Page - Intel Corporation SSD660P Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
To learn more, visit www.intel.com/ssd
2
FEATURES-AT-A-GLANCE
MODEL
Intel® SSD 660p
Capacity and Form Factor
M.2 2280-S3-M 512 GB, 1024 GB (1 TB), 2048 GB (2 TB)
Height and Weight: 80mm, <10 grams
Interface
PCIe 3.0x4, NVMe
Media
64-layer, QLC, 3D NAND
Performance3
Sequential Read: up to 1,800 MB/s, Sequential Write: up to 1,800 MB/s
Random 4 KB Reads: up to 220,000 IOPS, Random 4 KB Writes: up to 220,000 IOPS
Endurance
512 GB: 100 TBW
1 TB: 200 TBW
2 TB: 400 TBW
TBW=Terabytes written
Power
Active: 100 mW, Idle: 40 mW
Operating Temperature
0° C to 70° C
Warranty
5-year limited warranty
1 2x more capacity in identical footprints based on specification comparisons between the Intel® SSD 660p (up to 2TB) and Intel® SSD 600 (up to 1 TB)
2 Intel® SSD 660p 512 GB vs Intel® SSD 545s 512 GB ($109.99) Source: Intel.com
3 IOMeter test and system configurations: Intel® Core™ i7-8700K @ 3.70 GHz, Gigabyte motherboard, NVIDIA GeForce 2109.18.13.4195, BIOS: AMI P1.90, Chipset: Intel® INF 10.0.20.0, Memory: 16GB
(4x4GB) Corsair DDR4-240, Microsoft Windows 10 Enterprise 64-bit using native NVMe storage driver. Performance values vary by capacity.
4 As measured by Mobile Mark 2014 benchmark compared to Intel® SSD 545s and PCIe Intel® SSD 760p 2 TB.
Intel technologies’ features and benefits depend on system configuration and may require enabled hardware, software, or service activation. Performance varies depending on system configuration.
No computer system can be absolutely secure. Check with your system manufacturer or retailer to learn more.
Intel disclaims all express and implied warranties, including without limitation the implied warranties of merchantability, fitness for a particular purpose, and non-infringement, as well as any warranty
arising from course of performance, course of dealing, or usage in trade.
Intel, the Intel logo, and other marks are trademarks of Intel Corporation or its subsidiaries.
Other names and brands may be claimed as the property of others.
© Intel Corporation
Printed in USA
1119/RA/JR
Please Recycle
337914-004
Product Brief | Intel® SSD 660p Series
4
Technology



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com