Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP10-188-301201 Datasheet(PDF) 3 Page - Amphenol Communications Solutions

Part # DRP10-188-301201
Description  INDUSTRIAL CATEGORY 6A RJ45 FIELD TERMINABLE PLUG, ZINC ALLOY SHELL, PLASTIC HOUSING, PROTECTIVE COVER, WIRE SIZE, CABLE EXIT AND GOLD PLATING OPTIONS -RoHS COMPLIANT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

DRP10-188-301201 Datasheet(HTML) 3 Page - Amphenol Communications Solutions

  DRP10-188-301201 Datasheet HTML 1Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 2Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 3Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 4Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 5Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STRAIGHT CABLE EXIT
SEE NOTE 8
UPDATE THE COLOR LABEL
L.CHAN
AUG07/20
REDUCE THE OUTSIDE SIZE
B
L.CHAN
OCT19/20
C
MAY12/22
ADD PACKAGE INFORMATION
L.CHAN
AUG20/21
UPDATE THE DRAWING
D
KELVIN
REDESIGN FOR A SHORTER VERSION AND
E
A.GREEN
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
1
ANGULAR DEGREES
INDUSTRIAL CATEGORY 6A RJ45 FIELD
TERMINABLE PLUG, ZINC ALLOY SHELL,
5
E
SCALE:
REV
DWG.
NO.
6
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-DRP10-188-XXXXXX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
3
SHEET
PLASTIC HOUSING,
1.5
OPTIONS -RoHS COMPLIANT
RONNIE.C
A
PROPOSAL DRAWING
JUN17/20
L.CHAN
DWG SIZE:
WIRE SIZE, CABLE EXIT AND GOLD PLATING
COVER,
DRAWING
JUN17/20
JUN17/20
03554
2:1
X
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
ANGLE
UNLESS SPECIFIED OTHERWISE
0.38
0.25
GENERAL TOLERANCES
KELVIN.T
THIRD
0.50
PROTECTIVE
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
JUN22/20
THE COLOR LABEL IS
ATTACHED TO THE SHIELD
AND CAN BE REMOVED
AFTER THE USER
ASSEMBLES THE CABLE
CAN BE ROTATED
AND FIXED WITH
THE REAR SHIELD
THE REAR COVER
TOP SHIELD
FIXED WITH THE
CAN BE ROTATED AND
THE BOTTOM SHIELD
IDC TERMINALS
PIN 1
PIN 8
13.94 .549
ISOMETRIC VIEW
PLUG CONNECTOR ELEMENT
SIDE VIEW
(WITHOUT PROTECTIVE COVER&CABLE SHOWN)
(AFTER ASSEMBLY)
SIDE VIEW
(WITHOUT PROTECTIVE COVER&CABLE SHOWN)
(AFTER ASSEMBLY)
(AFTER ASSEMBLY)
BOTTOM VIEW
(AFTER ASSEMBLY)
SIDE VIEW
(AFTER ASSEMBLY)
FRONT VIEW
TOP VIEW
(WITHOUT CABLE SHOWN)
(BEFORE ASSEMBLY)
(WITH COLOR LABEL SHOWN)
FRONT VIEW
FRONT VIEW
(AFTER ASSEMBLY)
(WITHOUT PROTECTIVE COVER&CABLE SHOWN)
53.36 2.101
15.20 .598
52.00 2.047
.126 )
SEE NOTE 9
(3.20
13.65 .537
13.74 .541
11.68 .460
TOP SHIELD
(SEE PAGE 4)
LATCH
PROTECTIVE COVER
BOTTOM SHIELD
COLOR LABEL
SPRING
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com