Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRP10-188-301201 Datasheet(PDF) 1 Page - Amphenol Communications Solutions

Part # DRP10-188-301201
Description  INDUSTRIAL CATEGORY 6A RJ45 FIELD TERMINABLE PLUG, ZINC ALLOY SHELL, PLASTIC HOUSING, PROTECTIVE COVER, WIRE SIZE, CABLE EXIT AND GOLD PLATING OPTIONS -RoHS COMPLIANT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOLCS [Amphenol Communications Solutions]
Direct Link  https://www.amphenol-cs.com/
Logo AMPHENOLCS - Amphenol Communications Solutions

DRP10-188-301201 Datasheet(HTML) 1 Page - Amphenol Communications Solutions

  DRP10-188-301201 Datasheet HTML 1Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 2Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 3Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 4Page - Amphenol Communications Solutions DRP10-188-301201 Datasheet HTML 5Page - Amphenol Communications Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
45 DEGREE CABLE EXIT
AUG20/21
UPDATE THE DRAWING
KELVIN
MAY12/22
UPDATE THE COLOR LABEL
L.CHAN
AUG07/20
L.CHAN
REDUCE THE OUTSIDE SIZE
B
L.CHAN
OCT19/20
ADD PACKAGE INFORMATION
C
D
REDESIGN FOR A SHORTER VERSION AND
E
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-DRP10-188-XXXXXX
INDUSTRIAL CATEGORY 6A RJ45 FIELD
ANGULAR DEGREES
A.GREEN
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
Amphenol Canada Corp.
6
DATE
ENG. REL. NO.
REF.
THIRD
5
E
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
TERMINABLE PLUG, ZINC ALLOY SHELL,
1
PLASTIC HOUSING,
OF
Commercial Products
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
SCALE:
REV
DWG.
NO.
APP'D
REV
2
REVISIONS
DWG APPR.
0.25
OPTIONS -RoHS COMPLIANT
RONNIE.C
A
1
GENERAL TOLERANCES
KELVIN.T
0.50
1.5
COVER,
DRAWING
JUN17/20
JUN17/20
03554
2:1
X
DRAWN
CHECKED
M.E. APP'D
SHEET
PROPOSAL DRAWING
JUN17/20
L.CHAN
DWG SIZE:
DO NOT
PROJECTION
MILLIMETERS
PROTECTIVE
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
WIRE SIZE, CABLE EXIT AND GOLD PLATING
UNLESS SPECIFIED OTHERWISE
Q.A. APP'D
0.38
1
SCALE
ANGLE
2
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
JUN22/20
TOP
PIN 1
PIN 8
RIGHT
SIDE VIEW
(AFTER ASSEMBLY)
.795
2.267
20.20
SEE NOTE 8
57.58
45°
BOTTOM VIEW
EXPLOSION VIEW
(WITH COLOR LABEL SHOWN)
(WITHOUT CABLE SHOWN)
FRONT VIEW
REAR SHIELD SUB ASSEMBLY
ISOMETRIC VIEW
OPTIONAL CABLE EXITS
PLUG CONNECTOR ELEMENT
(SCALE 1:1)
FRONT VIEW
(AFTER ASSEMBLY)
(AFTER ASSEMBLY)
FRONT VIEW
(AFTER ASSEMBLY)
(WITHOUT PROTECTIVE COVER&CABLE SHOWN)
SIDE VIEW
(AFTER ASSEMBLY)
(WITHOUT PROTECTIVE COVER&CABLE SHOWN)
SEE NOTE 9
.126
56.22 2.214
13.74 .541
3.20
5.00 .197
FRONT VIEW
13.94 .549
THE COLOR LABEL IS
ATTACHED TO THE SHIELD
AND CAN BE REMOVED
AFTER THE USER
ASSEMBLES THE CABLE
THE BOTTOM SHIELD
CAN BE ROTATED AND
FIXED WITH THE
TOP SHIELD
IDC TERMINALS
SIDE VIEW
TOP VIEW
(AFTER ASSEMBLY)
(WITHOUT PROTECTIVE COVER&CABLE SHOWN)
.460
11.68
13.74 .541
1
2
SPRING
(SEE PAGE 4)
LATCH
TOP SHIELD
BOTTOM SHIELD
COLOR LABEL
PROTECTIVE COVER
ISOMETRIC VIEW
THE REAR COVER
CAN BE ROTATED
AND FIXED WITH
THE REAR SHIELD
SIDE VIEW
REAR SHIELD
LEFT
BOTTOM


Similar Part No. - DRP10-188-301201

ManufacturerPart #DatasheetDescription
logo
Chinfa Electronics Ind....
DRP10 CHINFA-DRP10 Datasheet
156Kb / 3P
10A DIN RAIL MOUNTABLE REDUNDANT MODULE
DRP10 CHINFA-DRP10_15 Datasheet
139Kb / 2P
10A REDUNDANT MODULE
More results

Similar Description - DRP10-188-301201

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
39K1A205 CONEC-39K1A205 Datasheet
458Kb / 1P
Protective Cover Assembly Kit Industrial Ethernet Connector (IP67) RoHS compliant
logo
E-SWITCH
K300111 E-SWITCH-K300111 Datasheet
147Kb / 1P
HOUSING: ZINC ALLOY DIE CAST W/ CHROME PLATING
K400102 E-SWITCH-K400102 Datasheet
90Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400103 E-SWITCH-K400103 Datasheet
93Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400104 E-SWITCH-K400104 Datasheet
94Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400114 E-SWITCH-K400114 Datasheet
150Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400121 E-SWITCH-K400121 Datasheet
136Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
K400124 E-SWITCH-K400124 Datasheet
252Kb / 1P
HOUSING: ZINC ALLOY W/CHROME PLATING
logo
PANDUIT CORP.
FP6X88MTG PANDUIT-FP6X88MTG Datasheet
649Kb / 2P
TX6A??Category 6A UTP Field Term RJ45 Plug
4/2019
logo
Amphenol Communications...
P-DRPC2-XXXX-XXXX AMPHENOLCS-P-DRPC2-XXXX-XXXX Datasheet
503Kb / 2P
INDUSTRIAL PLUG CABLE ASSEMBLY, INDUSTRIAL RJ PLUG INDUSTRIAL RJ PLUG-RoHS COMPLIANT
Rev. B
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com