Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISL78840ASRHD/PROTO Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL78840ASRHD/PROTO
Description  Radiation Hardened, High Performance Industry Standard Single-Ended Current Mode PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78840ASRHD/PROTO Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL78840ASRHD/PROTO Datasheet HTML 10Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 11Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 12Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 13Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 14Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 15Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 16Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 17Page - Intersil Corporation ISL78840ASRHD/PROTO Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
ISL78840ASxH, ISL78841ASxH, ISL78843ASxH, ISL78845ASxH, ISL738840ASEH, ISL738841ASEH, ISL738843ASEH, ISL738845ASEH
FN7952 Rev.4.00
Page 16 of 18
Feb 25, 2020
Package Outline Drawings
K8.A
8 LEAD CERAMIC METAL SEAL FLATPACK PACKAGE
Rev 4, 12/14
LEAD FINISH
SIDE VIEW
TOP VIEW
-D-
-C-
0.265 (6.75)
0.110 (2.79)
0.026 (0.66)
0.265 (6.73)
SEATING AND
0.180 (4.57)
0.03 (0.76) MIN
BASE PLANE
-H-
0.009 (0.23)
0.005 (0.13)
PIN NO. 1
ID AREA
0.050 (1.27 BSC)
0.022 (0.56)
0.015 (0.38)
MIN
0.245 (6.22)
0.087 (2.21)
0.170 (4.32)
0.370 (9.40)
0.325 (8.26)
0.004 (0.10)
0.245 (6.22)
1.
adjacent to pin one and shall be located within the shaded area shown.
The manufacturer’s identification shall not be used as a pin one
identification mark. Alternately, a tab may be used to identify pin one.
2.
3. The maximum limits of lead dimensions (section A-A) shall be
measured at the centroid of the finished lead surfaces, when solder
dip or tin plate lead finish is applied.
4.
5.
shall be molded to the bottom of the package to cover the leads.
6.
meniscus) of the lead from the body. Dimension minimum shall
be reduced by 0.0015 inch (0.038mm) maximum when solder dip
lead finish is applied.
7.
8.
NOTES:
0.015 (0.38)
0.008 (0.20)
PIN NO. 1
ID OPTIONAL
1
2
4
6
3
Dimensioning and tolerancing per ANSI Y14.5M - 1982.
Controlling dimension: INCH.
Index area: A notch or a pin one identification mark shall be located
If a pin one identification mark is used in addition to or instead of a tab,
Measure dimension at all four corners.
For bottom-brazed lead packages, no organic or polymeric materials
Dimension shall be measured at the point of exit (beyond the
SECTION A-A
BASE
METAL
0.007 (0.18)
0.004 (0.10)
0.009 (0.23)
0.004 (0.10)
0.019 (0.48)
0.015 (0.38)
0.0015 (0.04)
MAX
0.022 (0.56)
0.015 (0.38)
0.036 (0.92)
the limits of the tab dimension do not apply.
For the most recent package outline drawing, see K8.A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com